Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC640A Datasheet(PDF) 3 Page - Microchip Technology

Part # 25LC640A
Description  64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC640A Datasheet(HTML) 3 Page - Microchip Technology

  25LC640A Datasheet HTML 1Page - Microchip Technology 25LC640A Datasheet HTML 2Page - Microchip Technology 25LC640A Datasheet HTML 3Page - Microchip Technology 25LC640A Datasheet HTML 4Page - Microchip Technology 25LC640A Datasheet HTML 5Page - Microchip Technology 25LC640A Datasheet HTML 6Page - Microchip Technology 25LC640A Datasheet HTML 7Page - Microchip Technology 25LC640A Datasheet HTML 8Page - Microchip Technology 25LC640A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2009 Microchip Technology Inc.
DS22144A-page 3
25LC640A
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Extended (M):
TA = -55°C to 125°C
VCC = 2.5V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
1FCLK
Clock frequency
10
5
MHz
MHz
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
2TCSS
CS setup time
50
100
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
3TCSH
CS hold time
100
200
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
4TCSD
CS disable time
50
ns
5
Tsu
Data setup time
10
20
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
6THD
Data hold time
20
40
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
7TR
CLK rise time
100
ns
(Note 1)
8TF
CLK fall time
100
ns
(Note 1)
9THI
Clock high time
50
100
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
10
TLO
Clock low time
50
100
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
11
TCLD
Clock delay time
50
ns
12
TCLE
Clock enable time
50
ns
13
TV
Output valid from clock
low
50
100
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
14
THO
Output hold time
0
ns
(Note 1)
15
TDIS
Output disable time
40
80
ns
ns
4.5V
≤ Vcc ≤ 5.5V(Note 1)
2.5V
≤ Vcc ≤ 4.5V(Note 1)
16
THS
HOLD setup time
20
40
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
17
THH
HOLD hold time
20
40
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
18
THZ
HOLD low to output
High-Z
30
60
ns
ns
4.5V
≤ Vcc ≤ 5.5V(Note 1)
2.5V
≤ Vcc < 4.5V(Note 1)
19
THV
HOLD high to output valid
30
60
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
20
TWC
Internal write cycle time
5
ms
(NOTE 3)
21
Endurance
1M
E/W
Cycles
(NOTE 2)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site
at www.microchip.com.
3: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle
is complete.


Similar Part No. - 25LC640A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640A MICROCHIP-25LC640A Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25LC640A MICROCHIP-25LC640A Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC640A MICROCHIP-25LC640A Datasheet
1,018Kb / 36P
   64K SPI Bus Serial EEPROM
11/29/12
25LC640A-E/MF MICROCHIP-25LC640A-E/MF Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25LC640A-E/MNY MICROCHIP-25LC640A-E/MNY Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
More results

Similar Description - 25LC640A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
   64K SPI Bus Serial EEPROM
1997
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
   64K SPI Bus Serial EEPROM
11/29/12
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
   64K SPI Bus Serial EEPROM
2004
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com