Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385Z-1.2 Datasheet(PDF) 4 Page - Motorola, Inc

Part # LM385Z-1.2
Description  MICROPOWER VOLTAGE REFERENCE DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM385Z-1.2 Datasheet(HTML) 4 Page - Motorola, Inc

  LM385Z-1.2 Datasheet HTML 1Page - Motorola, Inc LM385Z-1.2 Datasheet HTML 2Page - Motorola, Inc LM385Z-1.2 Datasheet HTML 3Page - Motorola, Inc LM385Z-1.2 Datasheet HTML 4Page - Motorola, Inc LM385Z-1.2 Datasheet HTML 5Page - Motorola, Inc LM385Z-1.2 Datasheet HTML 6Page - Motorola, Inc LM385Z-1.2 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM285 LM385, B
4
MOTOROLA ANALOG IC DEVICE DATA
1.1
t, TIME (ms)
0
1.0
0.9
0.8
0.7
0.6
0.3
0.2
0.1
1.25
1.50
0.75
0.50
0
5.0
0.25
10
0
1.00
Input
DUT
Output
100 k
100
875
1.0 K
100 k
10 K
10
0
125
250
375
750
625
500
f, FREQUENCY (Hz)
125
TA , AMBIENT TEMPERATURE (°C)
1.210
1.220
1.230
1.240
1.250
100
75
50
025
–25
–50
10
0.01
100
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.2
0
IF , FORWARD CURRENT (mA)
TYPICAL PERFORMANCE CURVES FOR LM285–1.2/385–1.2/385B–1.2
0.2
0.4
0.6
0.8
1.0
1.2
10
1.4
100
1.0
0.1
0
V(BR), REVERSE VOLTAGE (V)
Figure 1. Reverse Characteristics
Figure 2. Reverse Characteristics
0.1
1.0
10
100
0.01
8.0
6.0
4.0
2.0
0
–2.0
10
IR, REVERSE CURRENT (mA)
TA = + 85°C
+25
°C
–40
°C
TA = + 85°C
+25
°C
–40
°C
Figure 3. Forward Characteristics
TA = – 40°C
+25
°C
+85
°C
Figure 4. Temperature Drift
IR = 100 µA
Figure 5. Noise Voltage
Figure 6. Response Time


Similar Part No. - LM385Z-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM385Z-1.2 NSC-LM385Z-1.2 Datasheet
265Kb / 10P
   Micropower Voltage Reference Diode
LM385Z-1.2 NSC-LM385Z-1.2 Datasheet
698Kb / 11P
   Micropower Voltage Reference Diode
LM385Z-1.2 NSC-LM385Z-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
logo
Linear Technology
LM385Z-1.2 LINER-LM385Z-1.2 Datasheet
147Kb / 8P
   Micropower Voltage Reference
logo
ON Semiconductor
LM385Z-1.2 ONSEMI-LM385Z-1.2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
More results

Similar Description - LM385Z-1.2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com