Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBM2109 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # DBM2109
Description  RF Mixer Double Balance SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

DBM2109 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  DBM2109 Datasheet HTML 1Page - American Accurate Components, Inc. DBM2109 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHIP DOUBLE BALANCED MIXERS
- 1460M ~ 1570MHz -
Style No.
DBM 2115 - 01A
Frequency
Range
[ MHz ]
RF Input
{Port (1)} 1460~1570
LO Input
Lo Power
[ dBm ]
+8
+3
Conversion
Loss
[ dB ]
8.5 max.
9.0 max.
Intercept
Point
[ dBm ]
+5.0 min.
+3.5 min.
1 dB
Compression
[ dBm ]
Isolation
[ dB ]
RF
-> IF 8 min.
LO
-> IF 15 min.
Impedance
[
]
Max. Input
Power
[ mW ]
Max. Input
Current
[ mA ]
(RX)
{Port (4)} 1510~1720
IF Output
{Port (7)} 50~150
0
9.5 max.
+2.0 min.
4.0 min.
LO
-> RF 12 min.
50
50
50
- 2110M ~ 2190MHz -
Style No.
Frequency
Range
[ MHz ]
Lo Power
[ dBm ]
Conversion
Loss
[ dB ]
Intercept
Point
[ dBm ]
1 dB
Compression
[ dBm ]
Isolation
[ dB ]
Impedance
[
]
Max. Input
Power
[ mW ]
Max. Input
Current
[ mA ]
DBM 2219W - 01A
(RX)
DBM 2219W - 01B
(TX)
RF Input
{Port (4)} 2110~2190
LO Input
{Port (1)} 1865~1955
IF Output
{Port (7)} 235~245
IF Input
{Port (7)} 235~245
LO Output
{Port (1)} 1865~1955
RF Input
{Port (4)} 2110~2190
0
0
8.0 max.
8.0 max.
+3.0 min.
−6.0 min.
−6.0 min.
LO
-> RF 12 min.
LO
-> IF 8 min.
RF
-> IF 15 min.
LO
-> RF 12 min.
LO
-> IF 8 min.
50
50
50
50
50
50
American Accurate Components, Inc.
2
Surface Mount Frequency Mixer
The content of this specification may change without notification 11/08/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889


Similar Part No. - DBM2109

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBM21H1P-JNMBK52 ITT-DBM21H1P-JNMBK52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM21H1S-NNMB ITT-DBM21H1S-NNMB Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM21H1S-NNMBK52 ITT-DBM21H1S-NNMBK52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM21H1S-VNMBK52 ITT-DBM21H1S-VNMBK52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM21W1P1A0NNMBK52 ITT-DBM21W1P1A0NNMBK52 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DBM2109

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
HDM50123-0900-G AAC-HDM50123-0900-G Datasheet
180Kb / 1P
   SMT RF Frequency Mixer Double Balance
SBM9A34 AAC-SBM9A34 Datasheet
97Kb / 1P
   SMT RF Frequency Mixer Double Balance
DBM9A AAC-DBM9A Datasheet
90Kb / 1P
   SMT RF Frequency Mixer Double Balance
logo
BOWEI Integrated Circui...
MDB-01 BOWEI-MDB-01 Datasheet
130Kb / 1P
   Broadband Double-balance Mixer
logo
Sanyo Semicon Device
SPM5001 SANYO-SPM5001 Datasheet
37Kb / 3P
   RF Double Balanced Mixer
logo
Tyco Electronics
M222 MACOM-M222 Datasheet
120Kb / 2P
   Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
M223 MACOM-M223 Datasheet
122Kb / 2P
   Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
87Kb / 5P
   RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101_12 Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com