Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC160C Datasheet(PDF) 10 Page - Microchip Technology

Part # 25LC160C
Description  16K SPI Bus Serial EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC160C Datasheet(HTML) 10 Page - Microchip Technology

Back Button 25LC160C Datasheet HTML 6Page - Microchip Technology 25LC160C Datasheet HTML 7Page - Microchip Technology 25LC160C Datasheet HTML 8Page - Microchip Technology 25LC160C Datasheet HTML 9Page - Microchip Technology 25LC160C Datasheet HTML 10Page - Microchip Technology 25LC160C Datasheet HTML 11Page - Microchip Technology 25LC160C Datasheet HTML 12Page - Microchip Technology 25LC160C Datasheet HTML 13Page - Microchip Technology 25LC160C Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
25XX160C/D
DS22150A-page 10
© 2009 Microchip Technology Inc.
2.5
Read Status Register (RDSR)
Instruction
The Read Status Register (RDSR) instruction provides
access to the STATUS register. The STATUS register
may be read at any time, even during a write cycle. The
STATUS register is formatted as follows:
TABLE 2-2:
STATUS REGISTER
The Write-In-Process (WIP) bit indicates whether the
25XX160C/D is busy with a write operation. When set
to a ‘1’, a write is in progress, when set to a ‘0’, no write
is in progress. This bit is read-only.
The Write Enable Latch (WEL) bit indicates the status
of the write enable latch and is read-only. When set to
a ‘1’, the latch allows writes to the array, when set to a
0’, the latch prohibits writes to the array. The state of
this bit can always be updated via the WREN or WRDI
commands regardless of the state of write protection
on the STATUS register. These commands are shown
in Figure 2-4 and Figure 2-5.
The Block Protection (BP0 and BP1) bits indicate
which blocks are currently write-protected. These bits
are set by the user issuing the WRSR instruction. These
bits are nonvolatile, and are shown in Table 2-3.
See Figure 2-6 for the RDSR timing sequence.
FIGURE 2-6:
READ STATUS REGISTER TIMING SEQUENCE (RDSR)
7
654
3
2
1
0
W/R
–––
W/R
W/R
R
R
WPEN
X
X
X
BP1
BP0
WEL
WIP
W/R = writable/readable. R = read-only.
SO
SI
CS
9
1011
12131415
11
0
0
0
0
00
76
5
4
2
1
0
Instruction
Data from STATUS Register
High-Impedance
SCK
0
2
34
56
7
1
8
3


Similar Part No. - 25LC160C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC160C MICROCHIP-25LC160C Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC160C MICROCHIP-25LC160C Datasheet
990Kb / 34P
   16K SPI Bus Serial EEPROM
11/29/12
25LC160C-H/SN MICROCHIP-25LC160C-H/SN Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC160CT-H/SN MICROCHIP-25LC160CT-H/SN Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
More results

Similar Description - 25LC160C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
   16K SPI Bus Serial EEPROM
07/12/04
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
25LC160A MICROCHIP-25LC160A Datasheet
521Kb / 24P
   16K SPI Bus Serial EEPROM
2003
25AA160C MICROCHIP-25AA160C_12 Datasheet
990Kb / 34P
   16K SPI Bus Serial EEPROM
11/29/12
25AA160 MICROCHIP-25AA160 Datasheet
320Kb / 22P
   16K SPI Bus Serial EEPROM
2004
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
   8K/16K 5.0V SPI Bus Serial EEPROM
1996
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
   8K/16K 2.5V SPI O Bus Serial EEPROM
1996
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com