Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA-1218S42TA Datasheet(PDF) 4 Page - American Accurate Components, Inc.

Part # DA-1218S42TA
Description  Detector Log Video Amplifiers (DLVA)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

DA-1218S42TA Datasheet(HTML) 4 Page - American Accurate Components, Inc.

  DA-1218S42TA Datasheet HTML 1Page - American Accurate Components, Inc. DA-1218S42TA Datasheet HTML 2Page - American Accurate Components, Inc. DA-1218S42TA Datasheet HTML 3Page - American Accurate Components, Inc. DA-1218S42TA Datasheet HTML 4Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Detector Log Video Amplifiers (DLVA)
The content of this specification may change without notification7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
4
American Accurate Components, Inc.
DLVA
Outline Drawings (Size: mm)
Terms and Definitions
Operational Bandwidth is the range of input
frequency
over which
the technical
speci-
fications of the amplifier are met.
Log Slope is the straight line slope of the
input/output
transfer
characteristics
of the
detected signal over the dynamic range. The
log slope is expressed in millivolts per dB of a
best-fit straight line as derived by a least-
squares
approximation
of all
data
points
Log Linearity is the maximum deviation in dB
of all measured points from the calculated
best-fit straight line. The dynamic range can
be
as
high
as
75dB,
depending
upon
DL1
DL3
Dynamic Range is the range of the input
signals in dB over which the output linearity
requirement is met.
Maximum
Input
Power
is the
maximum
power
that
the
logarithmic
amplifier
can
withstand without damage.
DC offset
is the residual
DC output
of a
logarithmic
amplifier
when
the
input
is
terminated with 50ohm.
Tangential Signal Sensitivity (TSS) defines
the input level that results in an output signal-
to-noise ratio of 6 dB. TSS, which is directly
related to noise figure and bandwidth, aids in
defining the lower limit of the input dynamic
range of a logarithmic amplifier. TSS is also a
convenient way of specifying a logarithmic
amplifier's
noise performance,
since
noise
Rise Time is defined as the time difference
between the 10% point and 90% point on the
rising leading edge of the output video pulse.
Recovery Time for a logarithmic amplifier is
defined in many ways by system engineers.
The most common is to use multiple pulses
and characterize the time between the 90%
point on the trailing edge of the first pulse and
the 10% point on the leading edge of the


Similar Part No. - DA-1218S42TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA-12 ETC2-DA-12 Datasheet
442Kb / 6P
   DS, DP, DA Series
DA-12-T ETC2-DA-12-T Datasheet
442Kb / 6P
   DS, DP, DA Series
DA-12BU-T-V ETC2-DA-12BU-T-V Datasheet
442Kb / 6P
   DS, DP, DA Series
DA-12KU-T-V ETC2-DA-12KU-T-V Datasheet
442Kb / 6P
   DS, DP, DA Series
More results

Similar Description - DA-1218S42TA

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
RV002 FILTRONIC-RV002 Datasheet
325Kb / 2P
   DETECTOR LOG VIDEO AMPLIFIERS
logo
Analog Devices
AD8317 AD-AD8317_17 Datasheet
756Kb / 19P
   Log Detector/Controller
logo
Teledyne Technologies I...
DA2CP20047 TELEDYNE-DA2CP20047 Datasheet
376Kb / 2P
   0.5 TO 20.0 GHz LOG VIDEO AMP ANALOG DETECTOR
logo
Texas Instruments
LOG112 TI-LOG112 Datasheet
305Kb / 14P
[Old version datasheet]   LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Analog Devices
HMC613LC4B AD-HMC613LC4B Datasheet
549Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER
logo
Intronics Power, Inc.
759N INTRONICS-759N Datasheet
903Kb / 4P
   Economy, Wideband Log/Antilog Amplifiers
logo
List of Unclassifed Man...
759N ETC1-759N Datasheet
69Kb / 1P
   Economy, Wideband Log/Antilog Amplifiers
logo
Analog Devices
HMC813LC4B AD-HMC813LC4B Datasheet
886Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Texas Instruments
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
[Old version datasheet]   Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com