Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC64F Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC64F
Description  64K I2C??Serial EEPROM with Quarter-Array Write-Protect
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64F Datasheet(HTML) 3 Page - Microchip Technology

  24LC64F Datasheet HTML 1Page - Microchip Technology 24LC64F Datasheet HTML 2Page - Microchip Technology 24LC64F Datasheet HTML 3Page - Microchip Technology 24LC64F Datasheet HTML 4Page - Microchip Technology 24LC64F Datasheet HTML 5Page - Microchip Technology 24LC64F Datasheet HTML 6Page - Microchip Technology 24LC64F Datasheet HTML 7Page - Microchip Technology 24LC64F Datasheet HTML 8Page - Microchip Technology 24LC64F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22154A-page 3
24AA64F/24LC64F
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V
TA = -40°C to +85°C
Automotive (E):
VCC = +2.5V to 5.5V
TA = -40°C to 125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
100
400
kHz
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
2THIGH
Clock high time
4000
600
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
3TLOW
Clock low time
4700
1300
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
4TR
SDA and SCL rise time
(Note 1)
1000
300
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
5TF
SDA and SCL fall time
(Note 1)
300
ns
6THD:STA Start condition hold time
4000
600
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
7TSU:STA
Start condition setup time
4700
600
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
8THD:DAT Data input hold time
0
ns
(Note 2)
9TSU:DAT
Data input setup time
250
100
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
10
TSU:STO Stop condition setup time
4000
600
ns
1.7 V
≤ VCC < 2.5V
2.5 V
≤ VCC ≤ 5.5V
11
TSU:WP
WP setup time
4000
600
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
12
THD:WP
WP hold time
4700
1300
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
13
TAA
Output valid from clock
(Note 2)
3500
900
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
14
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
4700
1300
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
15
TOF
Output fall time from VIH
minimum to VIL maximum
CB
≤ 100 pF
10 + 0.1CB
250
ns
(Note 1)
16
TSP
Input filter spike suppression
(SDA and SCL pins)
—50
ns
(Notes 1 and 3)
17
TWC
Write cycle time (byte or
page)
—5
ms
18
Endurance
1,000,000
cycles
25°C (Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model, which can be obtained from Microchip’s web site
at www.microchip.com.


Similar Part No. - 24LC64F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC64F MICROCHIP-24LC64F Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24LC64F MICROCHIP-24LC64F Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24LC64FEMNY MICROCHIP-24LC64FEMNY Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24LC64FEMS MICROCHIP-24LC64FEMS Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24LC64FEOT MICROCHIP-24LC64FEOT Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
More results

Similar Description - 24LC64F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA32AF MICROCHIP-24AA32AF Datasheet
501Kb / 30P
   32K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
   16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
   8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com