Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP20E1003CC Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # TSOP20E1003CC
Description  TSOP Series Ultra Precision Molded Resistor Networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TSOP20E1003CC Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  TSOP20E1003CC Datasheet HTML 1Page - American Accurate Components, Inc. TSOP20E1003CC Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
TSOP Series Ultra Precision Molded Resistor Networks
The content of this specification may change without notification 1/01/06
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
TSOP
08
A
1003
B
C
TCR (PPM/
°C)
R = +5
S = +10
E = +25
C = +50
Resistance Tolerance
A = +.05
B = +.10
C = +.25
Resistance Value
3 sig. fig & 1 multiplier +1%
Circuit Type/Pattern
Refer to Circuit Schematic
A, B, C, D, E
Pins
8, 14,16, 20
Series
Ultra Precision Molded Resistor
FEATURES
TSOP High Precision NiCr Thin Film Resistor
Networks with tight ratio and tracking
10 Standard Circuits
Excellent to relative Tolerance and TCR
High Stability Thin Film
2.3mm High from PC Board, most fit for
high density compacted instruments.
Custom Circuit Configuration is Available
ELECTRICAL SPECIFACTIONS
Rated Power per Resistor at 70ºC
60mW
Maximum Working Voltage
75V
Maximum Overload Voltage
150V
Absolute TCR ppm/ºC
50, 25,10, 5
Absolute Tolerance %
0.25, 0.1, 0.05
TSOP 08 SCHEMATIC
TSOP 08
TSOP 16
MECHANICAL SPECIFACTIONS
Mechanical Protection
Epoxy Molded
Resistive Element
NiCr Film
Terminal Leads
Tinned
TYPICAL PERFORMANCE
ABS
TRACKING
± 5ppm
1, 2, 3, 5
± 10ppm
1, 2, 3, 5, 10
± 25ppm
1, 2, 3, 5, 10
± 50ppm
1, 2, 3, 5, 10
ABS
RATIO
± 0.05%
0.025, 0.05, 0.1
± 0.10%
0.025, 0.05, 0.1, 0.2
± 0.25%
0.025, 0.05, 0.1, 0.25, 0.5
DIMENSIONS (mm)
Model
A
B
C
D
E
F
G
H
TSOP 08
5.5
± 0.3
5.3
± 0.3
2.3 max
8.0
± 0.2
1.27
± 0.2
0.4
± 0.05
0.2
± 0.1
0.3 min
TSOP 16
10.5
± 0.5
5.3
± 0.3
2.3 max
8.0
± 0.2
1.27
± 0.2
0.4
± 0.05
0.2
± 0.1
0.3 min


Similar Part No. - TSOP20E1003CC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP21 VISHAY-TSOP21 Datasheet
219Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP21.. VISHAY-TSOP21.. Datasheet
219Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP2130 VISHAY-TSOP2130 Datasheet
152Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 2.1, 18-Jul-08
More results

Similar Description - TSOP20E1003CC

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
TSOP08A1003AR AAC-TSOP08A1003AR_17 Datasheet
791Kb / 2P
   TSOP ULTRA PRECISION RESISTOR NETWORKS
logo
Token Electronics Indus...
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPR TOKEN-UPR Datasheet
441Kb / 6P
   Ultra Precision Resistor Networks
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
Vishay Siliconix
MRCN VISHAY-MRCN Datasheet
69Kb / 2P
   Resistor/Capacitor Networks, Molded SIP
Revision: 01-Aug-05
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com