Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3901 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3901
Description  Two Channel Analog Front End
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3901 Datasheet HTML 1Page - Microchip Technology MCP3901 Datasheet HTML 2Page - Microchip Technology MCP3901 Datasheet HTML 3Page - Microchip Technology MCP3901 Datasheet HTML 4Page - Microchip Technology MCP3901 Datasheet HTML 5Page - Microchip Technology MCP3901 Datasheet HTML 6Page - Microchip Technology MCP3901 Datasheet HTML 7Page - Microchip Technology MCP3901 Datasheet HTML 8Page - Microchip Technology MCP3901 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 5
MCP3901
AC Power Supply Rejection
AC PSRR
-77
dB
AVDD and DVDD = 5V +
1VPP @ 50/60 Hz
DC Power Supply Rejection
DC PSRR
-77
dB
AVDD and DVDD = 4.5 to
5.5V
DC Common Mode Rejection
Ratio Note 2
CMRR
-72
dB
VCM varies from -1V to
+1V
Oscillator Input
Master Clock Frequency Range
MCLK
1
16.384
MHz
(Note 8)
Power Specifications
Operating Voltage, Analog
AVDD
4.5
5.5
V
Operating Voltage, Digital
DVDD
2.7
3.6
5.5
V
Operating Current, Analog
(Note 4)
AIDD
2.1
2.8
BOOST<1:0> = 00
3.8
5.6
mA
BOOST<1:0> = 11
Operating Current, Digital
DIDD
0.45
0.8
mA
DVDD = 5V,
MCLK = 4 MHz
0.25
0.35
mA
DVDD = 2.7V,
MCLK = 4 MHz
—1.2
1.6
mA
DVDD = 5V,
MCLK = 8.192 MHz
Shutdown Current, Analog
IDDS,A
——
1
µA
AVDD pin only(Note 5)
Shutdown Current, Digital
IDDS,D
——
1
µA
DVDD pin only(Note 5)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, AVDD = 4.5 to 5.5V, DVDD = 2.7 to 5.5 V; -40°C < TA <+85°C,
MCLK = 4 MHz; PRESCALE = 1; OSR = 64; GAIN = 1; Dithering OFF; VIN = -0.5 dBFS = 353 mVRMS @ 50/60 Hz.
Parameters
Symbol
Min
Typical
Max
Units
Conditions
Note 1:
This specification implies that the ADC output is valid over this entire differential range and that there is no
distortion or instability across this input range. Dynamic Performance specified at -0.5 dB below the
maximum signal range, VIN = -0.5 dBFS @ 50/60 Hz = 353 mVRMS, VREF = 2.4V.
2:
See terminology section for definition.
3:
This parameter is established by characterization and not 100% tested.
4:
For these operating currents, the following bit settings apply: SHUTDOWN<1:0>=00, RESET<1:0>=00,
VREFEXT=0, CLKEXT=0.
5:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<1:0>=11,
VREFEXT=1, CLKEXT=1.
6:
Applies to all gains. Offset error is dependant on PGA gain setting, see Figure 2-19 for typical values.
7:
Outside of this range, the ADC accuracy is not specified. An extended input range of ±6V can be applied
continuously to the part with no risk for damage.
8:
For proper operation and to keep ADC accuracy, AMCLK should always be in the range of 1 to 5 MHz with
BOOST bits off. With BOOST bits on, AMCLK should be in the range of 1 to 8.192 MHz.
AMCLK = MCLK/PRESCALE. When using a crystal, CLKEXT bit should be equal to 0.
SERIAL INTERFACE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 4.5 to 5.5V,
DVDD = 2.7 to 5.5V, -40°C < TA <+85°C, CLOAD = 30 pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Serial Clock frequency
fSCK
20
10
MHz
MHz
4.5
≤ DV
DD ≤ 5.5
2.7
≤ DV
DD < 5.5
CS setup time
tCSS
25
50
ns
ns
4.5
≤ DV
DD ≤ 5.5
2.7
≤ DV
DD < 5.5
Note 1:
This parameter is periodically sampled and not 100% tested.


Similar Part No. - MCP3901

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 62P
   Two-Channel Analog Front End Portable Instrumentation
2011
MCP3901A0T-I/SS MICROCHIP-MCP3901A0T-I/SS Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901A1T-I/SS MICROCHIP-MCP3901A1T-I/SS Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901A2T-I/SS MICROCHIP-MCP3901A2T-I/SS Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
More results

Similar Description - MCP3901

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
   3V Two-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
   3V Two-Channel Analog Front End
Revision D January 2020
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
   Two-Channel Analog Front End Portable Instrumentation
2011
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com