Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP665T Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP665T
Description  60 MHz, 6 mA Op Amps
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP665T Datasheet(HTML) 3 Page - Microchip Technology

  MCP665T Datasheet HTML 1Page - Microchip Technology MCP665T Datasheet HTML 2Page - Microchip Technology MCP665T Datasheet HTML 3Page - Microchip Technology MCP665T Datasheet HTML 4Page - Microchip Technology MCP665T Datasheet HTML 5Page - Microchip Technology MCP665T Datasheet HTML 6Page - Microchip Technology MCP665T Datasheet HTML 7Page - Microchip Technology MCP665T Datasheet HTML 8Page - Microchip Technology MCP665T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22194A-page 3
MCP661/2/3/5
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .......................................................................6.5V
Current at Input Pins ....................................................±2 mA
Analog Inputs (VIN+ and VIN–) †† . VSS – 1.0V to VDD +1.0V
All other Inputs and Outputs .......... VSS – 0.3V to VDD +0.3V
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ..........................±150 mA
Storage Temperature ...................................-65°C to +150°C
Max. Junction Temperature ........................................ +150°C
ESD protection on all pins (HBM, MM)
................≥ 1 kV, 200V
Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current Limits”.
1.2
Specifications
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/3,
VOUT ≈ VDD/2, VL = VDD/2, RL = 1 kΩ to VL and CS =VSS (refer to Figure 1-2).
Parameters
Sym
Min
Typ
Max
Units Conditions
Input Offset
Input Offset Voltage
VOS
-8
±1.8
+8
mV
Input Offset Voltage Drift
ΔVOS/ΔTA
—±2.0
µV/°C TA= -40°C to +125°C
Power Supply Rejection Ratio
PSRR
61
76
dB
Input Current and Impedance
Input Bias Current
IB
—6
pA
Across Temperature
IB
130
pA
TA= +85°C
Across Temperature
IB
1700
5,000
pA
TA= +125°C
Input Offset Current
IOS
—±10
pA
Common Mode Input Impedance
ZCM
—1013||9
Ω||pF
Differential Input Impedance
ZDIFF
—1013||2
Ω||pF
Common Mode
Common-Mode Input Voltage Range
VCMR
VSS − 0.3
VDD − 1.3
V
(Note 1)
Common-Mode Rejection Ratio
CMRR
64
79
dB
VDD = 2.5V, VCM = -0.3 to 1.2V
CMRR
66
81
dB
VDD = 5.5V, VCM = -0.3 to 4.2V
Open Loop Gain
DC Open Loop Gain (large signal)
AOL
88
117
dB
VDD = 2.5V, VOUT = 0.3V to 2.2V
AOL
94
126
dB
VDD = 5.5V, VOUT = 0.3V to 5.2V
Output
Maximum Output Voltage Swing
VOL, VOH
VSS +25
VDD − 25
mV
VDD = 2.5V, G = +2,
0.5V Input Overdrive
VOL, VOH
VSS +50
VDD − 50
mV
VDD = 5.5V, G = +2,
0.5V Input Overdrive
Output Short Circuit Current
ISC
±45
±90
±145
mA
VDD = 2.5V (Note 2)
ISC
±40
±80
±150
mA
VDD = 5.5V (Note 2)
Power Supply
Supply Voltage
VDD
2.5
5.5
V
Quiescent Current per Amplifier
IQ
3
6
9
mA
No Load Current
Note 1:
See Figure 2-5 for temperature effects.
2:
The ISC specifications are for design guidance only; they are not tested.


Similar Part No. - MCP665T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP665T-E/MF MICROCHIP-MCP665T-E/MF Datasheet
2Mb / 68P
   60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
03/25/14
MCP665T-E/UN MICROCHIP-MCP665T-E/UN Datasheet
2Mb / 68P
   60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
03/25/14
More results

Similar Description - MCP665T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP651 MICROCHIP-MCP651_11 Datasheet
1Mb / 56P
   50 MHz, 6 mA Op Amps with mCal
2011
MCP651 MICROCHIP-MCP651 Datasheet
1Mb / 44P
   50 MHz, 6 mA Op Amps with mCal
2009
MCP631 MICROCHIP-MCP631 Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP621 MICROCHIP-MCP621 Datasheet
864Kb / 44P
   20 MHz, 2.5 mA Op Amps with mCal
2009
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
   5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
   5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
   2.7 MHz, 12V Op Amps
11/29/12
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
   10 MHz, 12V Op Amps
2012 11/29/12
logo
STMicroelectronics
TSV639X STMICROELECTRONICS-TSV639X Datasheet
942Kb / 25P
   MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com