Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB7101AFT5L2.5 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB7101AFT5L2.5
Description  Buck DC-DC Converter IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB7101AFT5L2.5 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB7101AFT5L2.5 Datasheet HTML 1Page - Toshiba Semiconductor TB7101AFT5L2.5 Datasheet HTML 2Page - Toshiba Semiconductor TB7101AFT5L2.5 Datasheet HTML 3Page - Toshiba Semiconductor TB7101AFT5L2.5 Datasheet HTML 4Page - Toshiba Semiconductor TB7101AFT5L2.5 Datasheet HTML 5Page - Toshiba Semiconductor TB7101AFT5L2.5 Datasheet HTML 6Page - Toshiba Semiconductor TB7101AFT5L2.5 Datasheet HTML 7Page - Toshiba Semiconductor TB7101AFT5L2.5 Datasheet HTML 8Page - Toshiba Semiconductor TB7101AFT5L2.5 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TB7101AF(T5L1.2,F)/(T5L1.5,F)/(T5L1.8,F)/(T5L2.5,F)/(T5L3.3,F)
2008-05-22
5
Electrical Characteristics (unless otherwise specified: Tj = 25°C and VIN = 2.7 to 5.5 V)
TB7101AF (T5L1.2, F)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Operating input voltage
VIN (OPR)
2.7
5.5
V
IIN1
VIN = 5 V, VEN = 5 V, VFB = 5 V
0.68
0.9
mA
Operating current
IIN2
VIN = 2.7 V, VEN = 2.7 V, VFB = 2.7 V
0.55
0.69
mA
Standby current
IIN (STBY)
VIN = 5 V, VEN = 0 V, VFB = 0 V
1
μA
VIH (EN) 1
VIN = 5 V
1.5
V
VIH (EN) 2
VIN = 2.7 V
1.5
V
VIL (EN) 1
VIN = 5 V
0.5
V
EN threshold voltage
VIL (EN) 2
VIN = 2.7 V
0.5
V
IIH (EN) 1
VIN = 5 V, VEN = 5 V
7.6
12.4
μA
EN input current
IIH (EN) 2
VIN = 2.7 V, VEN = 2.7 V
4.1
6.7
μA
VFB1
VIN = 5 V, VEN = 5 V, IOUT = 10 mA
1.164
1.2
1.236
V
VFB input voltage
VFB2
VIN = 2.7 V, VEN = 2.7 V, IOUT = 10 mA 1.164
1.2
1.236
V
High-side switch on-state resistance
RDS (ON) (H) VIN = 5 V, VEN = 5 V, ILX = −0.5 A
0.27
Ω
Low-side switch on-state resistance
RDS (ON) (L) VIN = 5 V, VEN = 5 V, ILX = 0.5 A
0.27
Ω
High-side switch leakage current
ILEAK (H)
VIN = 5 V, VEN = 0 V, VLX = 0 V
−1
μA
Low-side switch leakage current
ILEAK (L)
VIN = 5 V, VEN = 0 V, VLX = 5 V
1
μA
fosc1
VIN = 5 V, VEN = 5 V
0.85
1
1.15
MHz
Oscillation frequency
fosc2
VIN = 2.7 V, VEN = 2.7 V
0.85
1
1.15
MHz
tss1
VIN = 5 V, VEN = 5 V, IOUT = 0 A
1
2
ms
Soft-start time
tss2
VIN = 2.7 V, VEN = 2.7 V, IOUT = 0 A
1.4
2.4
ms
Detection
temperature
TSD
VIN = 5 V
160
°C
Thermal
shutdown (TSD)
Hysteresis
ΔTSD
VIN = 5 V
20
°C
Detection votage
VUV
VIN = VEN
2.2
2.4
2.6
V
Recovery voltage
VUVR
VIN = VEN
2.3
2.5
2.7
V
Undervoltage
lockout (UVLO)
Hysteresis
ΔVUV
VIN = VEN
0.1
V
LX current limit
ILIM
VIN = 5 V
1.3
2.8
A
Note on Electrical Characteristics
The test condition Tj = 25°C means a state where any drifts in electrical characteristics incurred by an increase in
the chip’s junction temperature can be ignored during pulse testing.


Similar Part No. - TB7101AFT5L2.5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
   Step-down DC-DC Converter IC
More results

Similar Description - TB7101AFT5L2.5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
   Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
   Buck DC-DC Converter IC
TB7102AF TOSHIBA-TB7102AF Datasheet
229Kb / 17P
   Buck DC-DC Converter IC
TB7107FN TOSHIBA-TB7107FN Datasheet
322Kb / 15P
   Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com