Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MBL3257CFK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7MBL3257CFK
Description  4-Bit 1-of-2 Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3257CFK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MBL3257CFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3257CFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3257CFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3257CFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3257CFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3257CFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3257CFK Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL3257CFK Datasheet HTML 8Page - Toshiba Semiconductor TC7MBL3257CFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TC7MBL3257CFT/FK/FTG
2008-07-17
5
AC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
3.3
± 0.3
6
2.5
± 0.2
7
Output enable time
( OE to bus)
tpZL
tpZH
Figure 1, Figure 2
1.8
± 0.15
11
ns
3.3
± 0.3
6
2.5
± 0.2
7
Output enable time
(S to bus)
tpZL
tpZH
Figure 1, Figure 2
1.8
± 0.15
11
ns
3.3
± 0.3
6
2.5
± 0.2
7
Output disable time
(
OE to bus)
tpLZ
tpHZ
Figure 1, Figure 2
1.8
± 0.15
11
ns
3.3
± 0.3
6
2.5
± 0.2
7
Output disable time
(S to bus)
tpLZ
tpHZ
Figure 1, Figure 2
1.8
± 0.15
11
ns
Capacitive Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance( OE , S)
CIN
VIN = 0 V
(Note)
3.0
4
pF
Switch terminal capacitance
(switch off)
(B1,B2)
CI/O
OE
= VCC, VIS = 0 V
(Note)
3.0
3
pF
Switch terminal capacitance
(switch off)
(A)
CI/O
OE = VCC, VIS = 0 V
(Note)
3.0
5
pF
Switch terminal capacitance
(switch on)
(B1,B2)
CI/O
OE
= GND, VIS = 0 V
(Note)
3.0
8
pF
Switch terminal capacitance
(switch on)
(A)
CI/O
OE = GND, VIS = 0 V
(Note)
3.0
8
pF
Note: This parameter is guaranteed by design


Similar Part No. - TC7MBL3257CFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results

Similar Description - TC7MBL3257CFK

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CBT3257 TI-SN74CBT3257_09 Datasheet
656Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257_15 Datasheet
201Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com