Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SZ04F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SZ04F
Description  Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ04F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ04F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ04F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ04F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ04F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ04F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ04F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ04F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7SZ04F/FU
2009-09-17
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ04F,TC7SZ04FU
Inverter
Features
• High output current: ±24 mA (min) at VCC = 3 V
• Super high speed operation: tpd=2.4 ns (typ.)
at VCC = 5 V, 50 pF
• Operation voltage range: VCC (opr) = 1.8 to 5.5 V
• 5.5-V tolerant input
• 5.5-V power down protection output
• Matches the performance of TC74LCX series when operated at
3.3- V VCC
Marking
Absolute Maximum Ratings (Ta = 25°C)
Pin Assignment (top view)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
−0.5 to 6 (Note 1)
DC output voltage
VOUT
−0.5 to VCC+0.5 (Note 2)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
(Note 3)
mA
DC output current
IOUT
50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65 to 150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: VCC = 0V
Note 2: High or Low state. Do not exceed IOUT of absolute maximum ratings.
Note 3: VOUT < GND
TC7SZ04F
TC7SZ04FU
Weight
SSOP5-P-0.95 : 0.016 g (typ.)
SSOP5-P-0.65A: 0.006 g (typ.)
Product name
J 5
NC
IN A
GND
1
2
3
5
4
VCC
OUT Y
(SMV)
(USV)


Similar Part No. - TC7SZ04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ04F TOSHIBA-TC7SZ04F Datasheet
161Kb / 5P
   INVERTER
TC7SZ04F TOSHIBA-TC7SZ04F Datasheet
177Kb / 7P
   Inverter
TC7SZ04FE TOSHIBA-TC7SZ04FE Datasheet
159Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ04FU TOSHIBA-TC7SZ04FU Datasheet
161Kb / 5P
   INVERTER
TC7SZ04FU TOSHIBA-TC7SZ04FU Datasheet
177Kb / 7P
   Inverter
More results

Similar Description - TC7SZ04F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com