Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SZ05F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SZ05F
Description  Inverter (Open Drain)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ05F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ05F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7SZ05F/FU
2009-09-17
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
VCC
× 0.75
VCC
× 0.75
High level
VIH
2.3 to
5.5
VCC
× 0.7
VCC
× 0.7
1.8
VCC
× 0.25
VCC
× 0.25
Input voltage
Low level
VIL
2.3 to
5.5
VCC
× 0.3
VCC
× 0.3
V
Z-state output leakage current
ILKG
VIN = VIL
VOUT = 0~5.5 V
1.8 to
5.5
±5
±10
μA
1.8
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Output voltage
Low level
VOL VIN = VIH
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0 to 5.5
±1
±10
μA
Power off leakage current
IOFF VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2
20
μA


Similar Part No. - TC7SZ05F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
197Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Inverter (Open Drain)
TC7SZ05FE TOSHIBA-TC7SZ05FE Datasheet
169Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ05FU TOSHIBA-TC7SZ05FU Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SZ05FU TOSHIBA-TC7SZ05FU Datasheet
197Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Inverter (Open Drain)
More results

Similar Description - TC7SZ05F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
   INVERTER (Open Drain)
2009-09-30
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
   HEX INVERTER OPEN DRAIN
June 1999
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
   HEX INVERTER OPEN DRAIN
February 1993
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com