Selected language     English  ▼


TC7SZ86AFS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7SZ86AFS
Description  2-Input EXCLUSIVE OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TC7SZ86AFS
2009-09-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ86AFS
2-Input EXCLUSIVE OR Gate
Features
• High output current
: ±24mA (min) at VCC = 3.0V
• Super high speed operation : tpd = 2.6ns (typ.)
at VCC = 5V, 50pF
• Operating voltage range
: VCC = 1.6 to 5.5V
• 5.5-V tolerant inputs.
Marking
Absolute Maximum Ratings (Ta = 25°C)
Pin Assignment (top view)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note1: VOUT < GND, VOUT > VCC
SON5-P-0.35
(fSV)
Weight: 0.001 g (typ)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
DC output voltage
VOUT
−0.5 to VCC +0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
(Note1)
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
50
mW
Storage temperature
Tstg
−65 to 150
°C
Product name
J 8
5 VCC
4
OUT Y
GND
2
IN B
3
IN A
1




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl