Selected language     English  ▼


TC7SZ86FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC7SZ86FU
Description  2-Input EXCLUSIVE OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 2 page
background image
TC7SZ86F/FU
2009-09-09
2
IEC Logic Symbol
Truth Table
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.8 to 5.5
Supply voltage
VCC
1.5 to 5.5
(Note 4)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 5)
Output voltage
VOUT
0 to VCC
(Note 6)
V
Operating temperature
Topr
−40 to 85
°C
0 to 20 (VCC = 1.8 V, 2.5 V ± 0.2 V)
0 to 10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0 to 5 (VCC = 5.0 V ± 0.5 V)
ns/V
Note 4: Data retention only
Note 5: VCC = 0 V
Note 6: High or Low state
IN A
=1
IN B
OUT Y




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl