Selected language     English  ▼


TC7SZU04F_09 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7SZU04F_09
Description  Inverter (Unbuffered)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TC7SZU04F/FU
2009-09-18
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZU04F,TC7SZU04FU
Inverter (Unbuffered)
Features
• High output drive: ±16 mA (min) at VCC = 4.5 V
• Low quiescent power: ICC = 2 μA (max)
at VCC = 5.5 V, Ta = 25°C
• Operation voltage range: VCC (opr) = 1.8 to 5.5 V
• 5.5-V tolerant input
Marking
Absolute Maximum Ratings (Ta = 25°C)
Pin Assignment (top view)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20 (Note 1)
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65 to 150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: VOUT < GND, VOUT > VCC
TC7SZU04F
TC7SZU04FU
Weight
SSOP5-P-0.95 : 0.016 g (typ.)
SSOP5-P-0.65A: 0.006 g (typ.)
Product name
J 6
NC 1
IN A 2
GND 3
5 VCC
4 OUT Y
(SMV)
(USV)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl