Selected language     English  ▼


TC7SZU04FE Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7SZU04FE
Description  Inverter (Unbuffered)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
TC7SZU04FE
2009-09-18
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8±0.15
1.0
8.5
1.0
9.0
2.5
± 0.2
0.8
6.2
0.8
6.5
3.3
± 0.3
0.5
4.5
0.5
4.8
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
3.9
0.5
4.1
3.3
± 0.3
1.0
6.0
1.0
6.5
Propagation delay
time
tPLH
tPHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
5.0
0.8
5.5
ns
Input capacitance
CIN
0 to 5.5
5
pF
3.3
10
Power dissipation
capacitance
CPD
(Note 3)
5.5
25
pF
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr.) = CPD・VCC・fIN + ICC




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl