Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SZU04F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SZU04F
Description  Inverter (Unbuffered)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZU04F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SZU04F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZU04F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZU04F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZU04F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZU04F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZU04F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZU04F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7SZU04F/FU
2009-09-18
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
VCC
× 0.85
VCC
× 0.85
High-level input
voltage
VIH
2.3 to 5.5
VCC
× 0.8
VCC
× 0.8
V
1.8
VCC
× 0.15
VCC
× 0.15
Low-level input
voltage
VIL
2.3 to 5.5
VCC
× 0.2
VCC
× 0.2
V
1.8
1.6
1.8
1.6
2.3
2.1
2.3
2.1
3.0
2.7
3.0
2.7
VIN = VIL
IOH = −100 μA
4.5
4.0
4.4
4.0
IOH = −4 mA
2.3
1.9
2.14
1.9
IOH = −8 mA
3.0
2.4
2.75
2.4
IOH = −12 mA
3.0
2.3
2.61
2.3
High-level
output voltage
VOH
VIN = GND
IOH = −16 mA
4.5
3.8
4.13
3.8
V
1.8
0
0.2
0.2
2.3
0
0.2
0.2
3.0
0
0.3
0.3
VIN = VIH
IOL = 100 μA
4.5
0
0.5
0.5
IOL = 4 mA
2.3
0.1
0.3
0.3
IOL = 8 mA
3.0
0.17
0.4
0.4
IOL = 12 mA
3.0
0.25
0.55
0.55
Low-level
output voltage
VOL
VIN = VCC
IOL = 16 mA
4.5
0.26
0.55
0.55
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±1
±10
μA
Quiescent
supply current
ICC
VIN = VCC or GND
5.5
2
20
μA


Similar Part No. - TC7SZU04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04F TOSHIBA-TC7SZU04F Datasheet
157Kb / 5P
   INVERTER (UNBUFFER)
TC7SZU04F TOSHIBA-TC7SZU04F Datasheet
185Kb / 7P
   Inverter (Un-Buffer)
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
TC7SZU04FU TOSHIBA-TC7SZU04FU Datasheet
157Kb / 5P
   INVERTER (UNBUFFER)
TC7SZU04FU TOSHIBA-TC7SZU04FU Datasheet
185Kb / 7P
   Inverter (Un-Buffer)
More results

Similar Description - TC7SZU04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_15 Datasheet
166Kb / 9P
   Unbuffered Inverter
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04 Datasheet
92Kb / 9P
   Unbuffered Inverter
September, 2014 ??Rev. 4
logo
E-Tech Electronics LTD
MC74VHC1GU04 ETL-MC74VHC1GU04 Datasheet
575Kb / 4P
   Unbuffered Inverter
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
   Unbuffered inverter
Rev. 4 - 12 January 2022
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A Datasheet
87Kb / 10P
   Unbuffered Inverter
logo
Hitachi Semiconductor
HD74HC1GU04 HITACHI-HD74HC1GU04 Datasheet
48Kb / 8P
   Unbuffered Inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
181Kb / 8P
   Unbuffered Inverter
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
   Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com