Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC21FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC21FN
Description  Dual 4-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC21FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC21FN Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC21FN Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC21FN Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC21FN Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC21FN Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC21FN Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC21FN Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC21FN Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC21FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHC21F/FN/FT/FK
2008-05-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC21F,TC74VHC21FN,TC74VHC21FT,TC74VHC21FK
Dual 4-Input AND Gate
The TC74VHC21 is an advanced high speed CMOS 4-INPUT
AND GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The internal circuit is composed of 4 stages including a buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 3.3 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74ALS21
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC21F
TC74VHC21FN
TC74VHC21FT
TC74VHC21FK
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)


Similar Part No. - TC74VHC21FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC21FN TOSHIBA-TC74VHC21FN Datasheet
190Kb / 5P
   DUAL 4-INPUT AND GATE
TC74VHC21FN TOSHIBA-TC74VHC21FN Datasheet
211Kb / 8P
   Dual 4-Input AND Gate
More results

Similar Description - TC74VHC21FN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
   DUAL 4-INPUT AND GATE
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
   Dual 4-input AND gate
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
   Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
   DUAL 4-INPUT AND GATE
logo
KODENSHI_AUK CORP.
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
   Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B NEXPERIA-HEF4082B Datasheet
198Kb / 9P
   Dual 4-input AND gate
Rev. 7 - 24 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com