Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB25A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR5SB25A
Description  150 mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB25A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR5SB25A Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TCR5SB15A~TCR5SB50A
2008-11-11
2
List of Products Number and Marking
Marking
Products No.
Marking
Products No.
Marking
TCR5SB15A
1G5
TCR5SB33A
3G3
TCR5SB16A
1G6
TCR5SB34A
3G4
TCR5SB17A
1G7
TCR5SB35A
3G5
TCR5SB18A
1G8
TCR5SB36A
3G6
TCR5SB19A
1G9
TCR5SB37A
3G7
TCR5SB20A
2G0
TCR5SB38A
3G8
TCR5SB21A
2G1
TCR5SB39A
3G9
TCR5SB22A
2G2
TCR5SB40A
4G0
TCR5SB23A
2G3
TCR5SB41A
4G1
TCR5SB24A
2G4
TCR5SB42A
4G2
TCR5SB25A
2G5
TCR5SB43A
4G3
TCR5SB26A
2G6
TCR5SB44A
4G4
TCR5SB27A
2G7
TCR5SB45A
4G5
TCR5SB28A
2G8
TCR5SB46A
4G6
TCR5SB29A
2G9
TCR5SB47A
4G7
TCR5SB30A
3G0
TCR5SB48A
4G8
TCR5SB31A
3G1
TCR5SB49A
4G9
TCR5SB32A
3G2
TCR5SB50A
5G0
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6
V
Control voltage
VCT
-0.3 to 6
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Output current
IOUT
150
mA
200
(Note1)
Power dissipation
PD
380
(Note2)
mW
Operation temperature range
Topr
−40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Unit Ratintg
Note 2: Rating at mounting on a board
(Glass epoxy board dimmention : 30 mm
× 30 mm, Copper pad area : 50 mm
2
)
3 G 0
Example: TCR5SB30A (3.0 V output)


Similar Part No. - TCR5SB25A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB25 TOSHIBA-TCR5SB25 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB25U TOSHIBA-TCR5SB25U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB25A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com