Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB26A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR5SB26A
Description  150 mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB26A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR5SB26A Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB26A Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB26A Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB26A Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB26A Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB26A Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB26A Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB26A Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB26A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TCR5SB15A~TCR5SB50A
2008-11-11
3
Electrical Characteristics
(Unless otherwise specified,
VIN =VOUT +1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table
Line regulation
Reg・line VOUT + 0.5 V ≤ VIN ≤ 6 V,
IOUT = 1 mA
1
15
mV
Load regulation
Reg・load 1 mA
≤ IOUT ≤ 100 mA
15
30
mV
Quiescent current
IB
IOUT = 0 mA
32
75
μA
Stand-by current
IB (OFF) VCT = 0 V
0.1
1.0
μA
Dropout voltage
VIN-VOUT
Please refer to the Dropout voltage table
Temperature coefficient
TCVO
−40°C ≤ Topr ≤ 85°C
100
ppm/°C
TCR5SB15A
2.0
6.0
TCR5SB16A to TCR5SB17A
2.1
6.0
TCR5SB18A to TCR5SB19A VOUT +
0.35 V
6.0
TCR5SB20A to TCR5SB21A VOUT +
0.28 V
6.0
TCR5SB22A to TCR5SB24A VOUT +
0.25 V
6.0
Input voltage
VIN
TCR5SB25A to TCR5SB50A VOUT +
0.20 V
6.0
V
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f
= 1 kHz, VRipple = 500 mVp-p,
Ta
= 25°C
70
dB
Control voltage (ON)
VCT (ON)
1.1
6.0
V
Control voltage (OFF)
VCT (OFF)
0
0.3
V
Control current (ON)
ICT (ON) VCT = 6.0 V
0.1
μA
Control current (OFF)
ICT (OFF) VCT = 0 V
0.1
μA


Similar Part No. - TCR5SB26A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB26 TOSHIBA-TCR5SB26 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB26U TOSHIBA-TCR5SB26U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB26A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com