Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8042 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8042
Description  Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8042 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8042 Datasheet HTML 1Page - Toshiba Semiconductor TPC8042 Datasheet HTML 2Page - Toshiba Semiconductor TPC8042 Datasheet HTML 3Page - Toshiba Semiconductor TPC8042 Datasheet HTML 4Page - Toshiba Semiconductor TPC8042 Datasheet HTML 5Page - Toshiba Semiconductor TPC8042 Datasheet HTML 6Page - Toshiba Semiconductor TPC8042 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8042
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8042
Lithium-Ion Battery Applications
Portable Equipment Applications
Notebook PC Applications
• Small footprint due to a small and thin package
• Low drain-source ON-resistance: RDS (ON) = 2.7 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 42 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
18
Drain current
Pulse (Note 1)
IDP
72
A
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
1.9
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.0
W
Single pulse avalanche energy
(Note 3)
EAS
84
mJ
Avalanche current
IAR
18
A
Repetitive avalanche energy
(Note 2a) (Note 4)
EAR
0.044
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.)
are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-6J1B
Weight: 0.08 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


Similar Part No. - TPC8042

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8042 TOSHIBA-TPC8042 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPC8042

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8025 TOSHIBA-TPC8025 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCP8006 TOSHIBA-TPCP8006 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPC8030 TOSHIBA-TPC8030 Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8027 TOSHIBA-TPC8027 Datasheet
188Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8029 TOSHIBA-TPC8029 Datasheet
189Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com