Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8121 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8121
Description  Field Effect Transistor Silicon P Channel MOS Type (U-MOS V)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8121 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8121 Datasheet HTML 1Page - Toshiba Semiconductor TPC8121 Datasheet HTML 2Page - Toshiba Semiconductor TPC8121 Datasheet HTML 3Page - Toshiba Semiconductor TPC8121 Datasheet HTML 4Page - Toshiba Semiconductor TPC8121 Datasheet HTML 5Page - Toshiba Semiconductor TPC8121 Datasheet HTML 6Page - Toshiba Semiconductor TPC8121 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8121
2009-09-29
5
50
60
80
160
120
VDS
VGS
−6
−12
0
−15
−30
VDD = −24 V
−6
−12
VDD = −24 V
040
10
20
30
−5
−10
−25
−20
0
−15
−30
−5
−10
−25
−20
(1)
(2)
0
0.4
0.8
1.2
1.6
0
40
80
160
120
2
200
−80
−40
0
40
0
−2
−0.4
−1.2
−1.6
−0.8
Ciss
Coss
Crss
1000
10000
−0.1
−1
−10
−100
100
−10
−5
−3
VGS = 0 V
−1
0
0.3
0.6
0.9
1.2
−0.1
−1
−10
−100
VGS = −4 V
−5.5 A
0
6
18
30
−80
−40
0
40
80
120
160
VGS = −10 V
RDS (ON) – Ta
IDR – VDS
Vth – Ta
PD – Ta
Common source
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = −10 V
ID = −1mA
Pulse test
Common source
ID = −11 A
Ta
= 25°C
Pulse test
Ambient temperature Ta (°C)
Drain
−source voltage VDS (V)
Drain
−source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Dynamic input/output
characteristics
(1)Device mounted on a glass-epoxy
board(a) (Note 2a)
(2)Device mounted on a glass-epoxy
board(b) (Note 2b)
t
= 10 s
12
24
ID = −2.8 A
−11 A
−4
ID = −2.8 A,−5.5A,−11A


Similar Part No. - TPC8121

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8121 TOSHIBA-TPC8121 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8121 VBSEMI-TPC8121 Datasheet
991Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC8121

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J321T TOSHIBA-SSM3J321T Datasheet
214Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
SSM6J409TU TOSHIBA-SSM6J409TU Datasheet
228Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com