Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCC8008 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCC8008
Description  Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCC8008 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCC8008 Datasheet HTML 1Page - Toshiba Semiconductor TPCC8008 Datasheet HTML 2Page - Toshiba Semiconductor TPCC8008 Datasheet HTML 3Page - Toshiba Semiconductor TPCC8008 Datasheet HTML 4Page - Toshiba Semiconductor TPCC8008 Datasheet HTML 5Page - Toshiba Semiconductor TPCC8008 Datasheet HTML 6Page - Toshiba Semiconductor TPCC8008 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCC8008
2009-09-24
2
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
(Tc = 25℃)
Rth (ch-c)
4.2
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a)
Rth (ch-a)
66
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b)
Rth (ch-a)
180
°C/W
Marking (Note 5)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = 24 V, Tch = 25°C (initial), L = 200 μH, RG = 25 Ω, IAR = 25 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5: * Weekly code: (Three digits)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the year)
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
Part number
8 008
Lot No.
Product-specific code


Similar Part No. - TPCC8008

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCC8008 TOSHIBA-TPCC8008 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCC8008

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCM8006 TOSHIBA-TPCM8006 Datasheet
206Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
SSM3K318T TOSHIBA-SSM3K318T Datasheet
219Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCA8026 TOSHIBA-TPCA8026 Datasheet
159Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCP8004 TOSHIBA-TPCP8004 Datasheet
196Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
TPCA8042 TOSHIBA-TPCA8042 Datasheet
160Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
logo
National Semiconductor ...
TPCT4202 NSC-TPCT4202 Datasheet
259Kb / 4P
   Field effect Transistor Silicon N Channel MOS Type(U-MOS)
logo
Toshiba Semiconductor
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
148Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com