Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8510 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8510
Description  Transistor Silicon NPN Epitaxial Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8510 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8510 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8510 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8510 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8510 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8510 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPCP8510
2009-07-14
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
TPCP8510
High-Speed, High-Voltage Switching Applications
DC-DC Converter Applications
• High DC current gain: hFE = 120 to 300 (IC = 0.1 A)
• Low collector-emitter saturation: VCE (sat) = 0.14 V (max)
• High-speed switching: tf = 0.2 μs (typ)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
180
V
VCEX
150
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
7
V
DC
(Note 1)
IC
1.0
Collector current
Pulse (Note 1)
ICP
2.0
A
Base current
IB
0.1
A
t = 10s
2.25
Collector power
dissipation
DC
PC (Note 2)
1.1
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Please use devices on condition that the junction temperature
is below 150°C.
Note 2: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Figure 1. Circuit configuration (top view)
Figure 2. Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3V1Q
Weight: 0.017 g (typ.)
0.33±0.05
0.28+0.1
-0.11
1.12+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12+0.13
-0.12
0.28+0.1
-0.11
1.Emitter
5.Collector
2.Emitter
6.Collector
3.Emitter
7.Collector
4.Base
8.Collector
1 2 3 4
8 7 6 5
Type
Lot No.
Pin #1
8510
1 2 3 4
8 7 6 5


Similar Part No. - TPCP8510

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8510 TOSHIBA-TPCP8510 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8510

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD879 HSMC-HSD879 Datasheet
30Kb / 3P
   SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
2SC6139 TOSHIBA-2SC6139 Datasheet
191Kb / 5P
   Transistor Silicon NPN Epitaxial Type
2SC5976 TOSHIBA-2SC5976 Datasheet
175Kb / 5P
   Transistor Silicon NPN Epitaxial Type
logo
Hi-Sincerity Mocroelect...
HSD879D HSMC-HSD879D Datasheet
32Kb / 3P
   SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
TPC6503 TOSHIBA-TPC6503 Datasheet
197Kb / 5P
   Transistor Silicon NPN Epitaxial Type
MT3S04AU TOSHIBA-MT3S04AU Datasheet
111Kb / 2P
   TRANSISTOR SILICON NPN EPITAXIAL TYPE
TPC6501 TOSHIBA-TPC6501_06 Datasheet
148Kb / 5P
   Transistor Silicon NPN Epitaxial Type
logo
Hi-Sincerity Mocroelect...
HM879 HSMC-HM879 Datasheet
27Kb / 3P
   SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
2SC6140 TOSHIBA-2SC6140 Datasheet
173Kb / 5P
   Transistor Silicon NPN Epitaxial Type
TPC6502 TOSHIBA-TPC6502 Datasheet
187Kb / 5P
   Transistor Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com