Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTA0001 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TTA0001
Description  Transistor Silicon PNP Triple Diffused Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTA0001 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TTA0001 Datasheet HTML 1Page - Toshiba Semiconductor TTA0001 Datasheet HTML 2Page - Toshiba Semiconductor TTA0001 Datasheet HTML 3Page - Toshiba Semiconductor TTA0001 Datasheet HTML 4Page - Toshiba Semiconductor TTA0001 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TTA0001
2009-06-11
1
TOSHIBA Transistor Silicon PNP Triple Diffused Type
TTA0001
Power Amplifier Applications
• High collector voltage: VCEO = -160 V (min.)
• Complementary to TTC0001
• Recommended for 100-W high-fidelity audio frequency amplifier output
stage.
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
-160
V
Collector-emitter voltage
VCEO
-160
V
Emitter-base voltage
VEBO
-5
V
DC
IC
-18
A
Collector current
Pulse
ICP
-35
A
Base current
IB
-9
A
Collector power dissipation
PC
150
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-16C1A
Weight : 4.7 g (typ.)
1.BASE
2.COLLECTOR(HEAT SINK)
3.EMITTER


Similar Part No. - TTA0001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTA0001 TOSHIBA-TTA0001 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TTA0001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTA0002 TOSHIBA-TTA0002 Datasheet
193Kb / 5P
   Transistor Silicon PNP Triple Diffused Type
2SB1640 TOSHIBA-2SB1640 Datasheet
138Kb / 4P
   TOSHIBA Transistor Silicon PNP Triple Diffused Type
logo
New Jersey Semi-Conduct...
2SA1943 NJSEMI-2SA1943 Datasheet
302Kb / 2P
   TOSHIBA TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
   Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1375 TOSHIBA-2SB1375_06 Datasheet
142Kb / 5P
   Silicon PNP Triple Diffused Type
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
   Silicon PNP Triple Diffused Type
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
   SILICON PNP TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com