Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS238 Datasheet(PDF) 1 Page - Silicon Touch Technology Inc.

Part # PS238
Description  8-Channel Secondary Monitoring IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS238 Datasheet(HTML) 1 Page - Silicon Touch Technology Inc.

  PS238 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS238 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS238 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS238 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS238 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS238 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS238 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS238 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS238 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
新竹市科學園區展業一路 9 號 7 樓之 1
SILICON TOUCH TECHNOLOGY INC.
9-7F-1, Prosperity Road I, Science Based Industrial Park,
Hsin-Chu, Taiwan 300, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
PS238
Version
: A.001
Issue Date : 2008/05/05
File Name
: SP-PS238-A.001.doc
Total Pages : 11
8-Channel Secondary Monitoring IC


Similar Part No. - PS238

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
California Eastern Labs
PS2381-1 CEL-PS2381-1 Datasheet
241Kb / 13P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1 Datasheet
249Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1-F3 RENESAS-PS2381-1-F3 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
California Eastern Labs
PS2381-1-F3 CEL-PS2381-1-F3 Datasheet
241Kb / 13P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
More results

Similar Description - PS238

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS232S SITI-PS232S Datasheet
186Kb / 11P
   6-Channel Secondary Monitoring IC
PS113 SITI-PS113 Datasheet
150Kb / 10P
   3-Channel Secondary Monitoring IC
PS231S SITI-PS231S Datasheet
174Kb / 11P
   5-Channel Secondary Monitoring IC
PS232F SITI-PS232F Datasheet
187Kb / 11P
   6-Channel Secondary Monitoring IC
PS113A SITI-PS113A Datasheet
134Kb / 10P
   3-Channel Secondary Monitoring IC
PS236 SITI-PS236 Datasheet
140Kb / 13P
   3-Channel Secondary Monitoring IC With an Additional OCP Channel
PS223 SITI-PS223 Datasheet
139Kb / 11P
   4-Channel Secondary Monitoring IC With 4-Channel OCP And an Additional OTP
logo
List of Unclassifed Man...
PS222S ETC2-PS222S Datasheet
143Kb / 13P
   3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
logo
Silicon Touch Technolog...
PS222S SITI-PS222S Datasheet
165Kb / 13P
   3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com