Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD331 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DD331
Description  4-Channel Flexible LED Pre-Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DD331 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DD331 Datasheet HTML 1Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 2Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 3Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 4Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 5Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 6Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 7Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 8Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DD331
High CONSTANT CURRENT LED DRIVERS
Version:A.002
Page
3
Pin Description
PIN NAME
FUNCTION
SOP16 /
TSSOP16
pin number
GND
Ground terminal
1,8
VCC
Power supply terminal
9,16
ENR
ENG
ENB
ENW
Output current enable terminals
2
3
4
5
GATER
GATEG
GATEB
GATEW
External N-type MOSFET gate
connection terminals
15
13
11
7
REXTR
REXTG
REXTB
REXTW
External resistors connected between REXT and
GND for driver current value setting.
14
12
10
6
Maximum Ratings (Ta=25°C, Tj(max) = 150°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3 ~ 18.0
Input Voltage
VIN
-0.3 ~ VCC+0.3
Enable Voltage
VEN
*1
-0.3 ~ 18.0
V
GND Terminal Current
IGND
0.5
A
Power Dissipation
Pd
1.7 ( SOP16 )
1.5 ( SSOP16 )
W
Thermal Resistance (Junction to Air)
Rth(j-a)
*2
72.1 ( SOP16 )
82 ( SSOP16 )
°C/W
Operating Temperature
Top
-40 ~ 85
Storage Temperature
Tstg
-55 ~ 150
°C
*1 VEN could not higher than VCC.
*2 Base on JEDEC high conductivity test board (4-layer) simulation.


Similar Part No. - DD331

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
DD30 REICU-DD30 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110D05 REICU-DD30-110D05 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110D12 REICU-DD30-110D12 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110S05 REICU-DD30-110S05 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110S12 REICU-DD30-110S12 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
More results

Similar Description - DD331

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V_14 Datasheet
233Kb / 13P
   4-Channel LED Driver
August, 2014 ??Rev. 4
logo
Rohm
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
   4-Channel White LED Driver
logo
Texas Instruments
TLED2043 TI1-TLED2043 Datasheet
209Kb / 15P
[Old version datasheet]   4-CHANNEL WHITE LED DRIVER
logo
Leadtrend Technology
LD7889A LEADTREND-LD7889A Datasheet
554Kb / 17P
   4-Channel LED Backlight Driver
logo
Linear Technology
LT3599 LINER-LT3599_15 Datasheet
279Kb / 26P
   4-Channel 120mA LED Driver
logo
Rohm
BD65D00MUV ROHM-BD65D00MUV Datasheet
985Kb / 40P
   4-Channel White LED Driver
logo
MOSDESIGN SEMICONDUCTOR...
M1357 MOSDESIGN-M1357 Datasheet
188Kb / 5P
   4-CHANNEL LED DIMMER DRIVER
2010-03-09
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
logo
E-CMOS Corporation
EC4217 E-CMOS-EC4217 Datasheet
329Kb / 4P
   Linear LED Driver (Pre-limitary Version)
logo
Texas Instruments
TLC59283 TI1-TLC59283_15 Datasheet
1Mb / 29P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com