Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM200WKS12-A000 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DIM200WKS12-A000
Description  IGBT Chopper Module - Upper Arm Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM200WKS12-A000 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DIM200WKS12-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM200WKS12-A000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SEMICONDUCTOR
DIM200WKS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
3/8
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25°C unless stated otherwise.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
ICES
Collector cut-off current
VGE = 0V, VCE = VCES
-
-
0.25
mA
(IGBT and Diode arm)
VGE = 0V, VCE = VCES, Tcase = 125°C
-
-
6
mA
IGES
Gate leakage current
VGE = ±20V, VCE = 0V
-
-
1
µA
VGE(TH)
Gate threshold voltage
IC = 10mA, VGE = VCE
4.5
5.5
6.5
V
VCE(sat)Á
Collector-emitter saturation voltage
VGE = 15V, IC = 200A
-
2.2
2.7
V
VGE = 15V, IC = 200A, Tcase = 125°C
-
2.6
3.1
V
IF
Diode forward current
DC
-
-
200
A
IFM
Diode maximum forward current
tp = 1ms
-
-
400
A
V
Diode forward voltage
IF = 200A
-
2.2
2.5
V
(IGBT and Diode arm)
IF = 200A, Tcase = 125°C
-
2.3
2.6
V
Cies
Input capacitance
VCE = 25V, VGE = 0V, f = 1MHz
-
33
-
nF
LM
Module inductance per arm
-
-
20
-
nH
RINT
Internal resistance per arm
-
-
0.23
-
m
SCData
Short circuit. Isc
Tj = 125°C, Vcc = 900V,
I1
-
1375
-
A
tp
10µs, Vge
15V
VCE(max) = VCES - L*.di/dt
I2
-
1125
-
A
IEC 60747-9
Note:
Measured at the power busbars and not the auxiliary terminals
* L is the circuit inductance + LM


Similar Part No. - DIM200WKS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Upper Arm Control
More results

Similar Description - DIM200WKS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM200WKS17-A000 DYNEX-DIM200WKS17-A000 Datasheet
153Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM375WKS06-S000 DYNEX-DIM375WKS06-S000 Datasheet
148Kb / 8P
   IGBT Chopper Module (Upper Arm Control)
DIM200WLS12-A000 DYNEX-DIM200WLS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Lower Arm Control
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com