Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM800DDM17-A000 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DIM800DDM17-A000
Description  Dual Switch IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM800DDM17-A000 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DIM800DDM17-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM800DDM17-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM800DDM17-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM800DDM17-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM800DDM17-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM800DDM17-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM800DDM17-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM800DDM17-A000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIM800DDM17-A000
4/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 800A
VGE = ±15V
VCE = 900V
RG(ON) = 2.2
RG(OFF) = 2.2
LS ~ 100nH
1250
ns
tf
Fall time
170
ns
EOFF
Turn-off energy loss
230
mJ
td(on)
Turn-on delay time
250
ns
tr
Rise time
250
ns
EON
Turn-on energy loss
220
mJ
Qrr
Diode reverse recovery charge
IF = 800A
VCE = 900V
dIF/dt = 4000A/μs
200
μC
Irr
Diode reverse recovery current
460
A
Erec
Diode reverse recovery energy
130
mJ
Tcase = 125°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 800A
VGE = ±15V
VCE = 900V
RG(ON) = 2.2
RG(OFF) = 2.2
LS ~ 100nH
1500
ns
tf
Fall time
200
ns
EOFF
Turn-off energy loss
360
mJ
td(on)
Turn-on delay time
400
ns
tr
Rise time
250
ns
EON
Turn-on energy loss
340
mJ
Qrr
Diode reverse recovery charge
IF = 800A
VCE = 900V
dIF/dt = 4000A/μs
330
μC
Irr
Diode reverse recovery current
530
A
Erec
Diode reverse recovery energy
200
mJ


Similar Part No. - DIM800DDM17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM800DDM17-A000 DYNEX-DIM800DDM17-A000 Datasheet
144Kb / 10P
   Dual Switch IGBT Module
DIM800DDM17-A000 DYNEX-DIM800DDM17-A000_15 Datasheet
323Kb / 8P
   Dual Switch IGBT Module
More results

Similar Description - DIM800DDM17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DDM17-A000 DYNEX-DIM400DDM17-A000 Datasheet
144Kb / 10P
   Dual Switch IGBT Module
GP800DDS18 DYNEX-GP800DDS18 Datasheet
135Kb / 10P
   Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000 Datasheet
617Kb / 8P
   Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000 Datasheet
171Kb / 10P
   Dual Switch IGBT Module
DIM800DDM17-A000 DYNEX-DIM800DDM17-A000_15 Datasheet
323Kb / 8P
   Dual Switch IGBT Module
DIM400DDS12-A000 DYNEX-DIM400DDS12-A000_15 Datasheet
390Kb / 8P
   Dual Switch IGBT Module
DIM500GDM33-TS000 DYNEX-DIM500GDM33-TS000_15 Datasheet
414Kb / 8P
   Dual Switch IGBT Module
DIM600DDS12-A000 DYNEX-DIM600DDS12-A000_15 Datasheet
392Kb / 8P
   Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000_15 Datasheet
391Kb / 8P
   Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000_10 Datasheet
317Kb / 8P
   Dual Switch IGBT Module
DIM400GDM33-F032 DYNEX-DIM400GDM33-F032 Datasheet
366Kb / 8P
   Dual Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com