Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-MD111 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # 11-MD111
Description  Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

11-MD111 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  11-MD111 Datasheet HTML 1Page - Silicon Touch Technology Inc. 11-MD111 Datasheet HTML 2Page - Silicon Touch Technology Inc. 11-MD111 Datasheet HTML 3Page - Silicon Touch Technology Inc. 11-MD111 Datasheet HTML 4Page - Silicon Touch Technology Inc. 11-MD111 Datasheet HTML 5Page - Silicon Touch Technology Inc. 11-MD111 Datasheet HTML 6Page - Silicon Touch Technology Inc. 11-MD111 Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
MD111
SP-MD111-A.001(Only For Toy Driver)
Version
:A.001
Page
:2
Absolute Maximum Ratings ( Unless otherwise noted, TA= 25)
Characteristic
Symbol
Rating
Unit
VDD
6.5
V
Supply Voltage
VS
6.5
V
Input Voltage
VIN
VDD+0.4
V
IO Peak Current
IOPeak
2
A
IODC Current
IODC
0.80
A
Power Dissipation(SOP8)
PD-SOP
680
mW
Power Dissipation(MSOP8)
PD-MSOP
480
mW
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Electrical Characteristic
(Unless otherwise noted, TA= 25& VDD = VS = 3V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
VDD
1.5
3
6.5
V
Supply Voltage
VS
1.5
3
6.5
V
IDD0
VIN1, IN2, IN3 = 0V
0.5
10
μ
A
Supply Current
( IDD + IS )
IDD1
VIN1, IN2, IN3 = 3V
1
10
μ
A
IN1 / IN2 / IN3 Input Terminal ( TJ = 25℃)
Input Voltage “H”
VIH
-
0.8*VDD
-
VDD+0.
4
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VIN = VDD
-
-
±
5
μ
A
Input Current “L”
IIL
VIN = 0 V
-
-
±
5
μ
A
O1 / O2 Output Terminal ( TJ = 25℃)
VOUT1 IOUT = 200 mA
-
0.3
0.45
V
VOUT2 IOUT = 300 mA
-
0.5
0.7
V
Output Voltage
(upper + lower)
VOUT3 IOUT = 600 mA
-
0.9
1.0
V
Output Sustaining
Voltage
VO(SUS) IOUT = 400 mA
-
-
VS
V


Similar Part No. - 11-MD111

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD114 SITI-11-MD114 Datasheet
228Kb / 12P
   Motor Driver for Mobile Phone
11-MD115 SITI-11-MD115 Datasheet
261Kb / 17P
   VCM Driver for Mobile Phone
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
More results

Similar Description - 11-MD111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
   LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
logo
Silicon Touch Technolog...
ST1151A SITI-ST1151A Datasheet
261Kb / 7P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
   Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com