Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD118A Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # MD118A
Description  8-BIT DAC VCM Driver with I2C Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD118A Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  MD118A Datasheet HTML 1Page - Silicon Touch Technology Inc. MD118A Datasheet HTML 2Page - Silicon Touch Technology Inc. MD118A Datasheet HTML 3Page - Silicon Touch Technology Inc. MD118A Datasheet HTML 4Page - Silicon Touch Technology Inc. MD118A Datasheet HTML 5Page - Silicon Touch Technology Inc. MD118A Datasheet HTML 6Page - Silicon Touch Technology Inc. MD118A Datasheet HTML 7Page - Silicon Touch Technology Inc. MD118A Datasheet HTML 8Page - Silicon Touch Technology Inc. MD118A Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-MD118A-A.004.doc
Version
:A.004
Page
:2
Pin Assignment
Pin Assignment of DFN10 (3*3*0.8mm)
Pin Descriptions
Pin NO.
Pin Name
Description
1
VDD
Power Supply Pin
2
PD
Digital Input: Power Down Mode(Low power down, High operation)
3
NC
4
VSS
Ground Pin
5
NC
6
NC
7
SDA
I
2C Interface Data
8
SCL
I
2C Interface Data
9
SEN
Analog Output : Programmable FSR Current Sinking
10
SINK
Analog Output : Output Current Sink
1.
The I
2C slave 7-bit address of 11-MD118A is 0001-1xx.


Similar Part No. - MD118A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
MD118B SITI-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
More results

Similar Description - MD118A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
logo
Eutech Microelectronics...
EUM6820 EUTECH-EUM6820 Datasheet
122Kb / 1P
   100mA Current Sink VCM Driver with I2C Interface
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
Silicon Touch Technolog...
11-MD218B SITI-11-MD218B Datasheet
420Kb / 17P
   130mA, 10Bit Current Sinking VCM Driver with I2C Interface
11-MD218A SITI-11-MD218A Datasheet
420Kb / 17P
   130mA, 10Bit Current Sinking VCM Driver with I2C Interface
11-VM148 SITI-11-VM148 Datasheet
342Kb / 17P
   130mA, 10Bit Current Sinking VCM Driver with I2C Interface
logo
Maxim Integrated Produc...
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com