Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD152 Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # MD152
Description  Multi-Channels Motor Driver For DSC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD152 Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button MD152 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 9Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 10Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 11Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 12Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 13Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD152
SP-MD152-A.011
Version
:A.011
Page
:8
Application Circuit 2
VDD
PIM
EN1
EN2
EN3
IN1
IN2
IN3
IN4
VREF
NC
VC
11-MD152
OUT1
GND
IM
OUT2
OUT3
OUT5
OUT6
OUT7
OUT4
OUT8
GND
VB
IN4
IN3
IN2
IN1
EN3
EN2
EN1
VB
VB
ZOOM
AF
Aperture
VDD
0.1μ
0.1μ
0.1μ
10μ
10μ
10μ
0.1μ
M
0.1μ
Ra
Rb
R
IM
M-shutter
R
PIM
Cc
AF: Saturation drive for 2 phase, 1-2 phase stepping motor
M-shutter: Constant current drive for shutter voice coil motor
Aperture: Saturation voltage drive for stepping motor
ZOOM: Constant voltage drive for DC motor (forward/reverse/brake/standby)


Similar Part No. - MD152

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MD152S SECOS-MD152S Datasheet
384Kb / 2P
   Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
More results

Similar Description - MD152

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD142 SITI-11-MD142 Datasheet
190Kb / 11P
   Multi-Channels Motor Driver For DSC
logo
Sanyo Semicon Device
LB8659PL SANYO-LB8659PL Datasheet
267Kb / 16P
   DSC Motor Driver
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
   DSC Motor Driver
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
logo
Princeton Technology Co...
PT5115 PTC-PT5115 Datasheet
205Kb / 3P
   4CH DSC Motor Driver
logo
Global Mixed-mode Techn...
G2207 GMT-G2207 Datasheet
97Kb / 1P
   66 Channels PMU for DSC
logo
Richtek Technology Corp...
RT8750 RICHTEK-RT8750 Datasheet
436Kb / 21P
   42 CH Motor Driver for DSC
logo
Global Mixed-mode Techn...
G2024 GMT-G2024 Datasheet
120Kb / 1P
   1-Channel DC Motor driver for DSC
logo
Aimtron Technology
AT5557 AIMTRON-AT5557 Datasheet
354Kb / 20P
   Serial Input 6CH Motor Driver for DSC
logo
Global Mixed-mode Techn...
G2205 GMT-G2205 Datasheet
71Kb / 1P
   76 Channels PMIC for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com