Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2225A Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # ST2225A
Description  LED Display Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2225A Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button ST2225A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 7Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 8Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 9Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 10Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 11Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 12Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ST2225A
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
LED Display Driver
-7-
Version:A.025
Note that a complete set of 36 clocks must be sent in order to clear the shift registers. When
ST2225A is powered ON, reset signal is generated internally to reset all registers and all latches.
Then, the START bit and the first clock make it return to its normal operation.
Figure 2 shows the pin-out of the package for ST2225A. Figure 3 shows the pad-assignment of
the bare chip for ST2225A.The timing relationships between data, clock and DATA ENABLE is
shown in Figure 4, with maximum clock frequency of 0.5 MHz assumed.
When this driver is used for applications with lesser number of outputs, the current per output
can be increased, or the part can be operated at higher than 1V (Vout). The following equation can be
used for calculations.
Tj = (Vout) (ILED) (NO. of segments) (82℃/W)+TA
Where:
Tj = junction temperature (150℃ max)
Vout = the voltage at the LED driver outputs
ILED = the LED current
82℃/W = thermal resistance of the package
TA = ambient temperature
The above equation was used to plot Figure 6-8.
CLOCK
DATA
DATA ENABLE
300 nS MIN
100 nS MIN
Figure 4


Similar Part No. - ST2225A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2225A ETC-ST2225A Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
ST2225A-D ETC-ST2225A-D Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
ST2225A-SS3 ETC-ST2225A-SS3 Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
More results

Similar Description - ST2225A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
   LED DISPLAY DRIVER
April 2000
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
   LED Display Driver
February 1995
logo
STMicroelectronics
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
   LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
logo
Micrel Semiconductor
MM5450 MICREL-MM5450 Datasheet
81Kb / 8P
   LED Display Driver
logo
Microchip Technology
MM5450 MICROCHIP-MM5450 Datasheet
267Kb / 20P
   LED Display Driver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com