Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1MA151AT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # M1MA151AT1
Description  SC-59 PACKAGE SINGLE SILICON SWITCHING DIODES 40/80 V-100 mA SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M1MA151AT1 Datasheet(HTML) 1 Page - Motorola, Inc

  M1MA151AT1 Datasheet HTML 1Page - Motorola, Inc M1MA151AT1 Datasheet HTML 2Page - Motorola, Inc M1MA151AT1 Datasheet HTML 3Page - Motorola, Inc M1MA151AT1 Datasheet HTML 4Page - Motorola, Inc M1MA151AT1 Datasheet HTML 5Page - Motorola, Inc M1MA151AT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Single Silicon Switching Diodes
These Silicon Epitaxial Planar Diodes are designed for use in ultra high speed
switching applications. These devices are housed in the SC–59 package which is
designed for low power surface mount applications.
• Fast trr, < 3.0 ns
• Low CD, < 2.0 pF
• Available in 8 mm Tape and Reel
Use M1MA151/2AT1 to order the 7 inch/3000 unit reel.
Use M1MA151/2AT3 to order the 13 inch/10,000 unit reel.
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
M1MA151AT1
VR
40
Vdc
M1MA152AT1
80
Peak Reverse Voltage
M1MA151AT1
VRM
40
Vdc
M1MA152AT1
80
Forward Current
IF
100
mAdc
Peak Forward Current
IFM
225
mAdc
Peak Forward Surge Current
IFSM(1)
500
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
– 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current
M1MA151AT1
IR
VR = 35 V
0.1
µAdc
M1MA152AT1
VR = 75 V
0.1
Forward Voltage
VF
IF = 100 mA
1.2
Vdc
Reverse Breakdown Voltage
M1MA151AT1
VR
IR = 100 µA
40
Vdc
M1MA152AT1
80
Diode Capacitance
CD
VR = 0, f = 1.0 MHz
2.0
pF
Reverse Recovery Time
trr(2)
IF = 10 mA, VR = 6.0 V,
RL = 100 Ω, Irr = 0.1 IR
3.0
ns
1. t = 1 SEC
2. trr Test Circuit
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by M1MA151AT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
M1MA151AT1
M1MA152AT1
SC–59 PACKAGE
SINGLE SILICON
SWITCHING DIODES
40/80 V–100 mA
SURFACE MOUNT
Motorola Preferred Devices
CASE 318D–03, STYLE 4
SC–59
2
1
3
© Motorola, Inc. 1996
ANODE
3
2
CATHODE
1
NO CONNECTION
REV 3


Similar Part No. - M1MA151AT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA151AT1 ONSEMI-M1MA151AT1 Datasheet
52Kb / 8P
   SINGLE SILICON SWITCHING DIODES
May, 2002 ??Rev. 6
logo
Leshan Radio Company
M1MA151AT1 LRC-M1MA151AT1 Datasheet
58Kb / 2P
   Single Silicon Switching Diodes
logo
E-Tech Electronics LTD
M1MA151AT1 ETL-M1MA151AT1 Datasheet
117Kb / 2P
   Single Silicon Switching Diodes
logo
Microsemi Corporation
M1MA151AT1 MICROSEMI-M1MA151AT1 Datasheet
51Kb / 3P
   Single Silicon Switching Diodes
M1MA151AT1G MICROSEMI-M1MA151AT1G Datasheet
51Kb / 3P
   Single Silicon Switching Diodes
More results

Similar Description - M1MA151AT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA151KT1 MOTOROLA-M1MA151KT1 Datasheet
83Kb / 6P
   SC-59 PACKAGE SINGLE SILICON SWITCHING DIODES 40/80 V-100 mA SURFACE MOUNT
M1MA141KT1 MOTOROLA-M1MA141KT1 Datasheet
95Kb / 6P
   SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
logo
ON Semiconductor
M1MA141KT1 ONSEMI-M1MA141KT1 Datasheet
46Kb / 4P
   SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
July, 2004 ??Rev. 5
logo
Motorola, Inc
M1MA141WKT1 MOTOROLA-M1MA141WKT1 Datasheet
99Kb / 6P
   SC-70/SOT-323 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
M1MA141WAT1 MOTOROLA-M1MA141WAT1 Datasheet
97Kb / 6P
   SC-70/SOT-323 PACKAGE COMMON ANODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
SCS202ND SECOS-SCS202ND Datasheet
700Kb / 2P
   VOLTAGE 80 V 0.1A SC-59 Types Surface Mount Switching Diode
logo
SHIKUES Electronics
SK2301A SKTECHNOLGY-SK2301A Datasheet
750Kb / 3P
   SC-59 for Surface Mount Package
SK2300A SKTECHNOLGY-SK2300A Datasheet
934Kb / 4P
   SC-59 for Surface Mount Package
logo
Micro Commercial Compon...
1N4148WLP MCC-1N4148WLP_13 Datasheet
451Kb / 3P
   100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U Datasheet
211Kb / 3P
   100 mA Switching Diode 80 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com