Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-AE16RD-A Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-AE16RD-A
Description  101.20mm(4.00) high single seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-AE16RD-A Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BS-AE16RD-A Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-AE16RD-A Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-AE16RD-A Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--A
AE
E1
16
6R
RD
D--A
A
Ver.2.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
320
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
6.8
10.0
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
20.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
660
-
nm
Dominant Wave Length
λ
d
IF=10mA
638
-
648
nm
Spectral Line Half-width
∆λ
IF=10mA
-
20
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BS-AE16RD-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AE16RD-A ETC-BS-AE16RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-AE16RD-A

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-AE15RD-A BRIGHT-BS-AE15RD-A Datasheet
274Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-CE14RD BRIGHT-BS-CE14RD Datasheet
230Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-CE06RD BRIGHT-BS-CE06RD Datasheet
162Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-CE16RD BRIGHT-BS-CE16RD Datasheet
196Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-AE05RD BRIGHT-BS-AE05RD Datasheet
163Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-AE15RD BRIGHT-BS-AE15RD Datasheet
265Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-AE0FRD BRIGHT-BS-AE0FRD Datasheet
160Kb / 3P
   101.20mm(4.00) high single digit seven segments display.
BS-AE14RD BRIGHT-BS-AE14RD Datasheet
249Kb / 3P
   101.20mm(4.00) high single digit seven segments display.
BS-AE06RD BRIGHT-BS-AE06RD Datasheet
160Kb / 3P
   101.20mm(4.00) high single digit seven segments display.
BS-AB2EGRD BRIGHT-BS-AB2EGRD Datasheet
190Kb / 3P
   30.4mm(1.20) high single seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com