Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-C282RD-A Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-C282RD-A
Description  7.00mm (0.28) high single digit seven segments dispaly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-C282RD-A Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BS-C282RD-A Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-C282RD-A Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-C282RD-A Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--C
C2
28
82
2R
RD
D--A
A
Ver.1.0 Page 1 of 3
SINCE 1981
76
2
410 9
15
D 3
5
10
A
86
PIN NO. 1
E
2
4
C
DP
7
G
9
F
B
3,8
A
D
C
B
DP
G
F
E
Package Dimensions :
PIN 1.
4.00(.157)
8.20(.323)
+
0.50(.020)
1.27x4=5.08(.200)
3.9±0.5(.154±020)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.28 inch (7.00mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common cathode.
Description :
1.
The BS-C282RD-A is a 7.00mm (0.28")
high single digit seven segments display.
2.
This product use green chips, which are
made from GaP on GaP substrate.
3.
This product have a black face and white
segments.
4. This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :


Similar Part No. - BS-C282RD-A

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C282RD-B BRIGHT-BS-C282RD-B Datasheet
158Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
More results

Similar Description - BS-C282RD-A

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C284RD-B BRIGHT-BS-C284RD-B Datasheet
168Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C286RD-B BRIGHT-BS-C286RD-B Datasheet
165Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C285RD-B BRIGHT-BS-C285RD-B Datasheet
169Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A283RD-A BRIGHT-BS-A283RD-A Datasheet
154Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C284RD-A BRIGHT-BS-C284RD-A Datasheet
156Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C285RD-A BRIGHT-BS-C285RD-A Datasheet
156Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A282ND BRIGHT-BS-A282ND Datasheet
151Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A283RD-B BRIGHT-BS-A283RD-B Datasheet
153Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A286RD-B BRIGHT-BS-A286RD-B Datasheet
156Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C28DRD-B BRIGHT-BS-C28DRD-B Datasheet
153Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com