Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-C285ND Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-C285ND
Description  7.00mm (0.28) high single digit seven segments dispaly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-C285ND Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BS-C285ND Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-C285ND Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-C285ND Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--C
C2
28
85
5N
ND
D
Ver.2.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength
Wavelength(nm)
Forward Voltage
Fig.4 Relative Luminous
Forward Current(mA)
Forward Voltage (V)
0
0.5
1.0
1.5
2.0
0
30
10
20
40
50
40
10
20
30
50
Forward Current
4
Intensity VS.
1
23
5
Fig.2 Forward Current VS.
550
0
0.5
1.0
600
650
Ambient Temperature
Ambient Temperature
Derating Curve VS.
Fig.5 Forward Current
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
0
10
5
15
20
20
40
60
80
0.5
25
-40
0
1.5
1.0
3.0
2.5
2.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
700
750
Intensity VS.
800
850


Similar Part No. - BS-C285ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C285RD-A BRIGHT-BS-C285RD-A Datasheet
156Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C285RD-B BRIGHT-BS-C285RD-B Datasheet
169Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C285RE-B BRIGHT-BS-C285RE-B Datasheet
163Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
More results

Similar Description - BS-C285ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C282RD-A BRIGHT-BS-C282RD-A Datasheet
156Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C284RD-B BRIGHT-BS-C284RD-B Datasheet
168Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C286RD-B BRIGHT-BS-C286RD-B Datasheet
165Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C285RD-B BRIGHT-BS-C285RD-B Datasheet
169Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A283RD-A BRIGHT-BS-A283RD-A Datasheet
154Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C284RD-A BRIGHT-BS-C284RD-A Datasheet
156Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C285RD-A BRIGHT-BS-C285RD-A Datasheet
156Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A282ND BRIGHT-BS-A282ND Datasheet
151Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A283RD-B BRIGHT-BS-A283RD-B Datasheet
153Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A286RD-B BRIGHT-BS-A286RD-B Datasheet
156Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-C28DRD-B BRIGHT-BS-C28DRD-B Datasheet
153Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com