Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRH05-107F2M Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CRH05-107F2M
Description  CRH - Thick Film Chip Resistors High Resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRH05-107F2M Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CRH05-107F2M Datasheet HTML 1Page - American Accurate Components, Inc. CRH05-107F2M Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
CRH – Thick Film Chip Resistors High Resistance
The content of this specification may change without notification 09/15/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
HOW TO ORDER
CRH
10-
107
K
1
M
Packaging
M = 7” Reel
B = Bulk Case
Termination Material
Sn = Leave Blank
SnPb = 1
AgPd = 2
Au = 3 (avail in CRH-A series only)
Tolerance (%)
P = +50
N = +30
M = +20
K = +10
J = +5
G = +2
F = +1
EIA Resistance Code
Three digits for > 5% tolerance
Four digits for 1% tolerance
Size
05 = 0402
16 = 0603
10 = 0805
18 = 1206
14 = 1210
12 = 2010
01 = 2512
Series
High ohm chip resistors
SCHEMATIC
CRH
CRH-A, CRH-B
DIMENSIONS (mm)
Series
Size
L
W
t
a
b
Package Qty
CRH05
0402
1.0 ± 0.05
0.50 ± 0.05
0.35 ± 0.05
0.20 ± 0.1
0.25
+0.05
-0.10
10,000
CRH05B
0402
1.0 ± 0.05
0.50 ± 0.05
0.30 ± 0.05
0.20 ± 0.1
0.25
+0.05
-0.10
10,000
CRH16
1.60 ± 0.15
0.80 ± 0.15
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
CRH16A
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.20 ± 0.10
0.30 ± 0.10
CRH16B
0603
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
5,000
CRH10
2.10 ± 0.15
1.25 ± 0.15
0.55 ± 0.10
0.40 ± 0.20
0.40 MAX
CRH10A
2.00 ± 0.20
1.25 ± 0.20
0.50 ± 0.10
0.40 ± 0.20
0.40 ± 0.20
CRH10B
0805
2.00 ± 0.20
1.25 ± 0.10
0.50 ± 0.10
0.40 ± 0.20
0.40 ± 0.20
5,000
CRH18
3.10 ± 0.15
1.55 ± 0.15
0.55 ± 0.10
0.50 ± 0.20
0.50 MAX
CRH18A
3.20 ± 0.20
1.60 ± 0.20
0.55 ± 0.10
0.50 ± 0.30
0.50 ± 0.30
CRH18B
1206
3.20
+0.05
-0.20
1.60
+0.05
-0.15
0.60 ± 0.10
0.50 ± 0.25
0.50 ± 0.20
5,000
CRH14
1210
3.10 ± 0.15
2.65 ± 0.15
0.55 ± 0.10
0.50 ± 0.20
0.50 MAX
5,000
CRH12
2010
5.10 ± 0.15
2.60 ± 0.15
0.55 ± 0.10
0.80 ± 0.20
0.80 MAX
4,000
CRH01
6.40 ± 0.15
3.10 ± 0.15
0.55 ± 0.10
0.80 ± 0.20
1.30 MAX
CRH01A
2512
6.40 ± 0.20
3.2 ± 0.20
0.55 ± 0.10
0.50 ± 0.30
0.50 ± 0.30
4,000
Termination Material:
Sn
or SnPb
or AgPd
or Au
Ceramic Substrate
Resistive Element
Overcoat
Conductor
FEATURES
Stringent specs in terms of reliability,
stability, and quality.
Available in sizes as small as 0502
Resistance Range up to 150 Gig ohms
E-24 and E-96 Series
Low Voltage Coefficient of Resistance
Wrap Around Terminal for Solder Flow
RoHS/Lead Free in Sn, AgPd, and Au
Termination Materials


Similar Part No. - CRH05-107F2M

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRH05107FB AAC-CRH05107FB Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH05107FM AAC-CRH05107FM Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH05107GB AAC-CRH05107GB Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH05107GM AAC-CRH05107GM Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH05107JB AAC-CRH05107JB Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
More results

Similar Description - CRH05-107F2M

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
CHS0402 RIEDON-CHS0402 Datasheet
44Kb / 2P
   High Resistance Thick Film chip Resistors
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-100MJ8 RIEDON-HVC1206H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com