Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM150HB-4805S-UZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM150HB-4805S-UZ
Description  150 Watt | Half Brick DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM150HB-4805S-UZ Datasheet(HTML) 1 Page - AIMTEC

  AM150HB-4805S-UZ Datasheet HTML 1Page - AIMTEC AM150HB-4805S-UZ Datasheet HTML 2Page - AIMTEC AM150HB-4805S-UZ Datasheet HTML 3Page - AIMTEC AM150HB-4805S-UZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM150HB-UZ
150 Watt | Half Brick DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 054e R3.F
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input Voltage (V)
Output Voltage
(V)
Output Current max (A)
Input Filter
AM150HB-2403S-UZ
18-36
3.3
30
π type
AM150HB-2405S-UZ
18-36
5
30
π type
AM150HB-2412S-UZ
18-36
12
12.5
L type
AM150HB-2415S-UZ
18-36
15
10
L type
AM150HB-2424S-UZ
18-36
24
6.3
L type
AM150HB-2428S-UZ
18-36
28
5.4
L type
AM150HB-2448S-UZ
18-36
48
3.1
L type
AM150HB-4803S-UZ
36-72
3.3
30
π type
AM150HB-4805S-UZ
36-72
5
30
π type
AM150HB-4812S-UZ
36-72
12
12.5
L type
AM150HB-4815S-UZ
36-72
15
10
L type
AM150HB-4824S-UZ
36-72
24
6.3
L type
AM150HB-4828S-UZ
36-72
28
5.4
L type
AM150HB-4848S-UZ
36-72
48
3.1
L type
AM150HB-11005S-UZ
66-160
5
30
π type
AM150HB-11012S-UZ
66-160
12
12.5
L type
AM150HB-11015S-UZ
66-160
15
10
L type
AM150HB-11024S-UZ
66-160
24
6.3
L type
NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated
output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
110
18-36
36-72
66-160
VDC
Remote Control
CNTRL open or connect to +Vin
CNTRL connect to –Vin
On
Off
Logic Low
0.4
V
Turn On Time
10
ms
Start-up Delay Time
150
ms
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
1 Min
1500
VDC
Tested Input / Case voltage
1 Min
500
VDC
Tested Output / Case voltage
1 Min
500
VDC
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Set point accuracy
±1
%
Trim range
±10
%
Dynamic Response
200µs setting time
50-75% & 50-25% load
3% of Vout
Pk deviation
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
• RoHS compliant
• Regulated output
• Wide 2:1 Input range
• High efficiency
• Very low ripple and noise
• Operating temperature range: -40 to +85ºC
• On/Off Control and Trim Function
• 1500VDC I/O Isolation


Similar Part No. - AM150HB-4805S-UZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM150HB-11012S-NZ AIMTEC-AM150HB-11012S-NZ Datasheet
671Kb / 6P
   DC-DC Converter
AM150HB-11015S-NZ AIMTEC-AM150HB-11015S-NZ Datasheet
671Kb / 6P
   DC-DC Converter
AM150HB-11024S-NZ AIMTEC-AM150HB-11024S-NZ Datasheet
671Kb / 6P
   DC-DC Converter
AM150HB-NZ AIMTEC-AM150HB-NZ Datasheet
671Kb / 6P
   DC-DC Converter
More results

Similar Description - AM150HB-4805S-UZ

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
   150 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
   150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IRH MURATA-PS-IRH Datasheet
3Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
logo
Murata Manufacturing Co...
IRH-12-12.5-T110 MURATA1-IRH-12-12.5-T110 Datasheet
2Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
2020
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com