Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM15C-1215DZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM15C-1215DZ
Description  15Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15C-1215DZ Datasheet(HTML) 1 Page - AIMTEC

  AM15C-1215DZ Datasheet HTML 1Page - AIMTEC AM15C-1215DZ Datasheet HTML 2Page - AIMTEC AM15C-1215DZ Datasheet HTML 3Page - AIMTEC AM15C-1215DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM15C-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11
1 of 4
North America only
FEATURES:
• Ultra compact footprint 1”x1”
Adjustable Output Voltage
• Wide Input Range2:1
Operating Temperature -40ºC to +85ºC
• 1600 VDC Isolation
Over Current and Over Voltage Protection
• Remote ON/OFF Function
Efficiency up to 89%
• No Minimum Load Required
RoHS Compliant
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM15C-1203SZ
9-18
3.3
4
1600
84
AM15C-1205SZ
9-18
5
3
1600
86
AM15C-1212SZ
9-18
12
1.3
1600
85
AM15C-1215SZ
9-18
15
1
1600
87
AM15C-2403SZ
18-36
3.3
4
1600
86
AM15C-2405SZ
18-36
5
3
1600
87
AM15C-2412SZ
18-36
12
1.3
1600
88
AM15C-2415SZ
18-36
15
1
1600
89
AM15C-4803SZ
36-75
3.3
4
1600
84
AM15C-4805SZ
36-75
5
3
1600
86
AM15C-4812SZ
36-75
12
1.3
1600
87
AM15C-4815SZ
36-75
15
1
1600
88
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM15C-1205DZ
9-18
±5
±1.5
1600
85
AM15C-1212DZ
9-18
±12
±0.625
1600
87
AM15C-1215DZ
9-18
±15
±0.5
1600
88
AM15C-2405DZ
18-36
±5
±1.5
1600
85
AM15C-2412DZ
18-36
±12
±0.625
1600
88
AM15C-2415DZ
18-36
±15
±0.5
1600
89
AM15C-4805DZ
36-75
±5
±1.5
1600
84
AM15C-4812DZ
36-75
±12
±0.625
1600
87
AM15C-4815DZ
36-75
±15
±0.5
1600
88
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
12
9-18
24
18-36
Voltage range
48
36-75
VDC
Filter
π
Start up time
Nominal Vin with constant resistive load
20
ms
12 Vin
36
24 Vin
50
Absolute Maximum Rating
48 Vin
100
VDC
Peak Input Voltage time
100
ms
ON –3 to 12VDC (or open)
On/Off control
OFF – 0 to 1.2VDC or short pin 2 to pin 3; OFF idle current – 5mA


Similar Part No. - AM15C-1215DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15C-1215DZ AIMTEC-AM15C-1215DZ Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
More results

Similar Description - AM15C-1215DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_12 Datasheet
308Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com