Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901VD Datasheet(PDF) 2 Page - Motorola, Inc

Part # LM2901VD
Description  Quad Single Supply Comparators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2901VD Datasheet(HTML) 2 Page - Motorola, Inc

  LM2901VD Datasheet HTML 1Page - Motorola, Inc LM2901VD Datasheet HTML 2Page - Motorola, Inc LM2901VD Datasheet HTML 3Page - Motorola, Inc LM2901VD Datasheet HTML 4Page - Motorola, Inc LM2901VD Datasheet HTML 5Page - Motorola, Inc LM2901VD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM339, LM339A, LM239, LM239A, LM2901, M2901V, MC3302
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = +5.0 Vdc, TA = +25°C, unless otherwise noted)
Ch
i i
Sb l
LM239A/339A
LM239/339
LM2901/2901V
MC3302
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 4)
VIO
±1.0 ±2.0
±2.0 ±5.0
±2.0 ±7.0
±3.0 ±20
mVdc
Input Bias Current (Notes 4, 5)
IIB
25
250
25
250
25
250
25
500
nA
(Output in Analog Range)
Input Offset Current (Note 4)
IIO
±5.0 ±50
±5.0 ±50
±5.0 ±50
±3.0 ±100
nA
Input Common Mode Voltage Range
VICMR
0
VCC
–1.5
0
VCC
–1.5
0
VCC
–1.5
0
VCC
–1.5
V
Supply Current
ICC
mA
RL = ∞ (For All Comparators)
0.8
2.0
0.8
2.0
0.8
2.0
0.8
2.0
RL = ∞, VCC = 30 Vdc
1.0
2.5
1.0
2.5
1.0
2.5
1.0
2.5
Voltage Gain
AVOL
50
200
50
200
25
100
25
100
V/mV
RL ≥ 15 kΩ, VCC = 15 Vdc
Large Signal Response Time
300
300
300
300
ns
VI = TTL Logic Swing,
Vref = 1.4 Vdc, VRL = 5.0 Vdc,
RL = 5.1 kΩ
Response Time (Note 6)
1.3
1.3
1.3
1.3
µs
VRL = 5.0 Vdc, RL = 5.1 kΩ
Output Sink Current
ISink
6.0
16
6.0
16
6.0
16
6.0
16
mA
VI (–) ≥ +1.0 Vdc, VI(+) = 0,
VO ≤ 1.5 Vdc
Saturation Voltage
Vsat
130
400
130
400
130
400
130
500
mV
VI(–) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
0.1
0.1
0.1
0.1
nA
VI(+) ≥ +1.0 Vdc, VI(–) = 0,
VO = +5.0 Vdc
PERFORMANCE CHARACTERISTICS (VCC = +5.0 Vdc, TA = Tlow to Thigh [Note 3])
Ch
i i
Sb l
LM239A/339A
LM239/339
LM2901/2901V
MC3302
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 4)
VIO
±4.0
±9.0
±15
±40
mVdc
Input Bias Current (Notes 4, 5)
IIB
400
400
500
1000
nA
(Output in Analog Range)
Input Offset Current (Note 4)
IIO
±150
±150
±200
±300
nA
Input Common Mode Voltage Range
VICMR
0
VCC
–2.0
0
VCC
–2.0
0
VCC
–2.0
0
VCC
–2.0
V
Saturation Voltage
Vsat
700
700
700
700
mV
VI(–) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
1.0
1.0
1.0
1.0
µA
VI(+) ≥ +1.0 Vdc, VI(–) = 0,
VO = 30 Vdc
Differential Input Voltage
VID
VCC
VCC
VCC
VCC
Vdc
All VI ≥ 0 Vdc
NOTES: 3. (LM239/239A) Tlow = –25°C, Thigh = +85°
(LM339/339A) Tlow = 0°C, Thigh = +70°C
(MC3302) Tlow = –40°C, Thigh = +85°C
(LM2901) Tlow = –40°C, Thigh = +105°
(LM2901V) Tlow = –40°C, Thigh = +125°C
4. At the output switch point, VO ] 1.4 Vdc, RS ≤ 100 Ω 5.0 Vdc ≤ VCC ≤ 30 Vdc, with the inputs over the full common mode range
(0 Vdc to VCC –1.5 Vdc).
5. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state.
6. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical.


Similar Part No. - LM2901VD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2901VD ONSEMI-LM2901VD Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
LM2901VD ONSEMI-LM2901VD Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM2901VDG ONSEMI-LM2901VDG Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM2901VDG ONSEMI-LM2901VDG Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
LM2901VDG ONSEMI-LM2901VDG Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
More results

Similar Description - LM2901VD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com