Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-CD24RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-CD24RD
Description  56.80mm(2.30) high single digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-CD24RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BS-CD24RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-CD24RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-CD24RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--C
CD
D2
24
4R
RD
D
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
56.8(2.3")
31.8(1.25)
69.84(2.75)
47.90(1.89)
2.54(.01)
3.0(.118)
10.0(.394)
60.5(2.381)
0.51(.020)
? 4.5(.181)
10°
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
2.30 inch (56.80mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common cathode.
Description :
1.
The BS-CD24RD is a 56.80mm(2.30")
high single digit seven segments display.
2.
This product use hi-eff red chips, which
are made from GaAsP on GaP substrate.
3.
This product have a black face and
white segments.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BS-CD24RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-CD24RD ETC-BS-CD24RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-CD24RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-AD45RD BRIGHT-BS-AD45RD Datasheet
247Kb / 3P
   56.90mm(2.30) high single digit seven segments display
BS-CD46RD BRIGHT-BS-CD46RD Datasheet
171Kb / 3P
   56.90mm(2.30) high single digit seven segments display
BS-CD45RD BRIGHT-BS-CD45RD Datasheet
238Kb / 3P
   56.90mm(2.30) high single digit seven segments display
BS-AD26RD BRIGHT-BS-AD26RD Datasheet
161Kb / 3P
   2.30(56.80MM)single DIGIT LED DISPLAY
BS-AD22RD BRIGHT-BS-AD22RD Datasheet
152Kb / 3P
   2.30(56.80MM) single DIGIT LED DISPLAY
BS-AD14RD BRIGHT-BS-AD14RD Datasheet
165Kb / 3P
   56.90mm(2.30) high single digit seven segments
logo
Ningbo Foryard Optoelec...
FYS-23011IX-00 FORYARD-FYS-23011IX-00 Datasheet
391Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-AD16RD BRIGHT-BS-AD16RD Datasheet
235Kb / 3P
   56.90mm(2.30) high single digit seven segments
logo
Ningbo Foryard Optoelec...
FYS-23011AX-00 FORYARD-FYS-23011AX-00 Datasheet
392Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23011CX-00 FORYARD-FYS-23011CX-00 Datasheet
392Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com