Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3265 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3265
Description  N CHANNEL MOS TYPE (CHOPPER GEGULATORS DC-DC CONVERTER, AND MOTOR DRIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3265 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3265 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3265
2002-06-05
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV)
2SK3265
Chopper Regulators DC−DC Converter, and Motor Drive
Applications
l Low drain−source ON resistance
: RDS (ON) = 0.72 Ω (typ.)
l High forward transfer admittance
: |Yfs| = 7.0 S (typ.)
l Low leakage current
: IDSS = 100 µA (max) (VDS = 700 V)
l Enhancement−mode
: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
700
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
700
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
10
A
Drain current
Pulse (Note 1)
IDP
30
A
Drain power dissipation
PD
45
W
Single pulse avalanche energy
(Note 2)
EAS
420
mJ
Avalanche current
IAR
10
A
Repetitive avalanche energy (Note 3)
EAR
4.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
2.78
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
62.5
°C / W
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 7.5 mH, RG = 25 Ω, IAR = 10 A
Note 3: Repetitive rating; Pulse width limited by maximum channel temperature.
This transistor is an electrostatic sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


Similar Part No. - 2SK3265

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3265 TOSHIBA-2SK3265 Datasheet
732Kb / 6P
   Silicon N Channel MOS Type Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK3265 TOSHIBA-2SK3265 Datasheet
427Kb / 6P
   Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK3265 TOSHIBA-2SK3265 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3265 ISC-2SK3265 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3265 TOSHIBA-2SK3265_06 Datasheet
732Kb / 6P
   Silicon N Channel MOS Type Chopper Regulators DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3265

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2614 TOSHIBA-2SK2614_06 Datasheet
235Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3127 TOSHIBA-2SK3127_07 Datasheet
160Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3129 TOSHIBA-2SK3129_06 Datasheet
136Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4017 TOSHIBA-2SK4017 Datasheet
241Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_06 Datasheet
776Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2782 TOSHIBA-2SK2782_06 Datasheet
723Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_06 Datasheet
697Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_06 Datasheet
710Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2882 TOSHIBA-2SK2882_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4020 TOSHIBA-2SK4020 Datasheet
766Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com