Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3265 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3265
Description  N CHANNEL MOS TYPE (CHOPPER GEGULATORS DC-DC CONVERTER, AND MOTOR DRIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3265 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3265 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3265
2002-06-05
2
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
µA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 µA, VDS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 700 V, VGS = 0 V
100
µA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
700
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 5 A
0.72
0.75
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 5 A
4.0
7.0
S
Input capacitance
Ciss
1700
Reverse transfer capacitance
Crss
40
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
200
pF
Rise time
tr
40
Turn−on time
ton
72
Fall time
tf
42
Switching time
Turn−off time
toff
145
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
53
Gate−source charge
Qgs
25
Gate−drain (“miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 10 A
28
nC
Source−Drain Ratings and Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
10
A
Pulse drain reverse current
(Note 1)
IDRP
30
A
Forward voltage (diode)
VDSF
IDR = 10 A, VGS = 0 V
−1.9
V
Reverse recovery time
trr
1400
ns
Reverse recovery charge
Qrr
IDR = 10 A, VGS = 0 V
dIDR / dt = 100 A / µs
17.5
µC
Marking


Similar Part No. - 2SK3265

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3265 TOSHIBA-2SK3265 Datasheet
732Kb / 6P
   Silicon N Channel MOS Type Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK3265 TOSHIBA-2SK3265 Datasheet
427Kb / 6P
   Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK3265 TOSHIBA-2SK3265 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3265 ISC-2SK3265 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3265 TOSHIBA-2SK3265_06 Datasheet
732Kb / 6P
   Silicon N Channel MOS Type Chopper Regulators DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3265

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2614 TOSHIBA-2SK2614_06 Datasheet
235Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3127 TOSHIBA-2SK3127_07 Datasheet
160Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3129 TOSHIBA-2SK3129_06 Datasheet
136Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4017 TOSHIBA-2SK4017 Datasheet
241Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_06 Datasheet
776Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2782 TOSHIBA-2SK2782_06 Datasheet
723Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_06 Datasheet
697Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_06 Datasheet
710Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2882 TOSHIBA-2SK2882_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4020 TOSHIBA-2SK4020 Datasheet
766Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com