Electronic Components Datasheet Search |
|
CRT01-1003JM Datasheet(PDF) 4 Page - American Accurate Components, Inc. |
|
CRT01-1003JM Datasheet(HTML) 4 Page - American Accurate Components, Inc. |
4 / 5 page American Accurate Components, Inc. THICK FILM CHIP RESISTORS The content of this specification may change without notification 10/04/07 188 Technology Drive Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 Email: sales@aacix.com 4 PACKAGE QUANTITY Type 01005 0201 0402 0603 0805 B 25,000 10,000 M 15,000 10,000 10,000 5,000 5,000 V 40,000 40,000 20,000 20,000 Type 1206 1210 2010 2512 B 5,000 M 5,000 5,000 4,000 4,000 V 20,000 20,000 20,000 20,000 TAPE SCHEMATIC 01005 Size A B W F E 0.38 ±0.02 0.68 ±0.02 8.0 ±0.10 3.5 ±0.05 1.75 ±0.05 P1 P0 D0 t1 t2 K 2.0 ±0.05 4.0 ±0.10 1.55 ±0.03 0.42 ±0.05 0.5 0.27 ±0.02 0201 ~ 2512 Size TAPE DIMENSIONS (mm) 0201 0402 0603 0805 A 0.41 ±0.1 0.65 ±0.1 1.1 ±0.2 1.65 ±0.2 B 0.71 ±0.1 1.15 ±0.1 1.9 ±0.2 2.4 ±0.2 W 8.0 ±0.2 8.0 ±0.2 8.0 ±0.2 8.0 ±0.2 E 1.75 ±0.10 1.75 ±0.10 1.75 ±0.1 1.75 ±0.1 F 3.5 ±0.05 3.5 ±0.05 3.5 ±0.05 3.5 ±0.05 P1 2.0 ±0.05 2.0 ±0.05 4.0 ±0.1 4.0 ±0.1 T 0.5max 0.55 ±0.1 0.70 ±0.1 0.90 ±0.1 Tp 0.4+0.05 0.40 ±0.05 0.60 ±0.1 0.75 ±0.1 1206 1210 2010 2512 A 2.0 ±0.15 2.9 ±0.1 2.9 ±0.1 3.4 ±0.1 B 3.6 ±0.15 3.5 ±0.1 5.3 ±0.1 6.6 ±0.1 W 8.0 ±0.2 8.0 ±0.2 12.0 ±0.2 12.0 ±0.2 E 1.75 ±0.1 1.75 ±0.1 1.75 ±0.1 1.75 ±0.1 F 3.5 ±0.05 3.5 ±0.05 5.5 ±0.05 5.5 ±0.05 P1 4.0 ±0.1 4.0 ±0.1 4.0 ±0.1 4.0 ±0.1 T 0.90 ±0.1 0.90 ±0.1 1.0 ±0.1 1.0 ±0.1 Tp 0.75 ±0.1 0.75 ±0.1 0.25 ±0.1 0.25 ±0.1 TAPE Type Resistor Size Press Pocket Carrier Tape 01005 Rect. Punching Carrier Paper Tape 0201, 0402, 0603, 0805, 1206, 1210 Plastic (Embossed Tape) 2010 & 2512 REEL DRAWINGS 7” Reel (M) 13” Reel (V) PACKAGE DIMENSIONS (mm) 7” Reel (M) 13” Reel (V) M 180 ± 3.0 330 ±2.5 H 1.20 2.3 ± 0.5 C 13.0 ± 0.2 13.0 ± 0.2 G 9.0 ± 0.3 9.5 ± 0.5 E 60 ± 1.0 80.0 ± 1.0 F 11.4 ± 1.0 14.4 BULK CASE SCHEMATIC BULK CASE DIMENSIONS (mm) A B C D E 110. 0 ± 0.7 36.0 ± 0.2 12.0 ± 0.1 31.5 ±0.2 36.0 ±0.2 F G H I J K 6.8 ±0.1 8.8 ±0.1 12.0 ± 0.1 1.5 ± 0.1 2.0± 0.1 4.7 ± 0.1 LABEL DESCRIPTION One side surface of a reel is marked with a label with the following items of information. 1. Chip Resistor 2. Part Number 3. Tolerance 4. Quantity 5. Lot number for production month/year/suffix L* 6. Manufacturer’s name or symbol * The suffix “L” indicates that this item is lead free. As of September 2004, all new production items of the series CR and CJ are no longer containing tin/lead (SnPb) terminals; they are lead free and in compliance with Lead Free/RoHS. |
Similar Part No. - CRT01-1003JM |
|
Similar Description - CRT01-1003JM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |