Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT-M555RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BT-M555RD
Description  14.20mm(0.56) high three digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BT-M555RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BT-M555RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BT-M555RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BT-M555RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BT
T--M
M5
55
55
5R
RD
D
Ver.2.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength
Wavelength(nm)
Forward Voltage
Fig.4 Relative Luminous
Forward Current(mA)
Forward Voltage (V)
0.0
1.0
2.0
3.0
0
30
10
20
40
50
40
10
20
30
50
Forward Current
4
Intensity VS.
12
3
5
Fig.2 Forward Current VS.
550
0
0.5
1.0
600
650
Ambient Temperature
Ambient Temperature
Derating Curve VS.
Fig.5 Forward Current
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
0
10
5
15
20
20
40
60
80
0.5
25
-40
0
1.5
1.0
3.0
2.5
2.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
700
750
Intensity VS.
800
850
0
0
0
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BT-M555RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT-M555RD ETC1-BT-M555RD Datasheet
129Kb / 1P
   THREE DIGIT LED DISPLAY
More results

Similar Description - BT-M555RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-M55DRD BRIGHT-BT-M55DRD Datasheet
201Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-M515RD BRIGHT-BT-M515RD Datasheet
259Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-C55DRD BRIGHT-BT-C55DRD Datasheet
237Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-A513RD BRIGHT-BT-A513RD Datasheet
274Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-N556RD BRIGHT-BT-N556RD Datasheet
207Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-A554RD BRIGHT-BT-A554RD Datasheet
299Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-C512RD BRIGHT-BT-C512RD Datasheet
276Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-M553RD BRIGHT-BT-M553RD Datasheet
175Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-C51DRD BRIGHT-BT-C51DRD Datasheet
192Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-N512RD BRIGHT-BT-N512RD Datasheet
183Kb / 3P
   14.20mm(0.56) high three digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com