Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRN312SL102FBM Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CRN312SL102FBM
Description  Thick Film Chip Resistor Arrays & Networks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRN312SL102FBM Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CRN312SL102FBM Datasheet HTML 1Page - American Accurate Components, Inc. CRN312SL102FBM Datasheet HTML 2Page - American Accurate Components, Inc. CRN312SL102FBM Datasheet HTML 3Page - American Accurate Components, Inc. CRN312SL102FBM Datasheet HTML 4Page - American Accurate Components, Inc. CRN312SL102FBM Datasheet HTML 5Page - American Accurate Components, Inc. CRN312SL102FBM Datasheet HTML 6Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
American Accurate Components, Inc.
CRN Series Thick Film Chip Resistor Arrays & Networks
The content of this specification may change without notification 08/24/07
188 Technolgoy Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
NOTICE OF AMENDMENT
As of August 2001, the
part numbers have been changed.
Please update your files accordingly.
A cross-reference is provided below for part numbers published prior to August 2001 to the current
part number. If you need additional information, please contact customer service at 949-453-9888 or
sales@aacix.com at any time.
CROSS – REFERENCE CHIP ARRAY
Prior Series
New Series
Dimensions
Resistors/Pin
Circuit
Terminals
Tolerance
New part
CRN06-2V
0.80 x 0.60mm
2
4
Isolated
Convex-Square
±5%
CRN10-2
CRN10-2V
1.00 x 1.00mm
2
4
Isolated
Convex-Square
±5%
CRN10-4
CRN10-4V
2.00 x 1.00mm
4
8
Isolated
Convex-Square, Concave
±1%, ±5%
CRN16-2
CRN16-2V
1.60 x 1.60mm
2
4
Isolated
Convex-Square, Concave
±5%
CRN16-4
CRN16-4V
3.20 x 1.60mm
4
8
Isolated
Convex-Round, Convex-Square,
Concave
±1%, ±2%,
±5%
New part
CRN16-8V
4.00 x 1.60mm
8
16
Isolated
Convex-Square
±1%, ±5%
CRN35-8
CRN16-8SU
3.20 x 1.60mm
8
10
Bussed
Convex-Square
±5%
CRN36-8
Discontinued
3.20 x 1.60mm
8
10
Bussed
Convex-Round, Convex-Square
±5%
CRN33-8
CRN21-8SC
4.00 x 2.10mm
8
10
Bussed
Concave
±5%
CRN30-4
CRN31-4V
5.08 x 3.10mm
4
8
Isolated
Convex-Round, Convex-Square,
Concave
±1%, ±2%,
±5%
CRN31-8
CRN31-8SL
6.40 x 3.10mm
8
10
Bussed
Concave, Convex-Square
±1%, ±2%,
±5%
CRN34-8
CRN31-8SU
6.40 x 3.10mm
8
10
Bussed
Concave, Convex-Square
±1%, ±2%,
±5%
CRN32-7
Discontinued
5.08 x 3.10mm
7
8
Bussed
Convex-Round
±5%
CRN38-16
CRN31-8V
10.16 x 3.10mm
8
16
Isolated
Convex-Round
±5%
CRN37-9
Discontinued
6.40 x 3.10mm
9
10
Bussed
Convex-Round
±5%
CRN38-15
CRN31-15SU
10.16 x 3.10mm
15
16
Bussed
Convex-Round
±5%
New part
CRN76-8V
10.16 x 7.62mm
8
16
Isolated
Convex-Round
±5%
New part
CRN76-15SU
10.16 x 7.62mm
15
16
Bussed
Convex-Round
±5%


Similar Part No. - CRN312SL102FBM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRN312SC103FAB AAC-CRN312SC103FAB Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN312SC103FAM AAC-CRN312SC103FAM Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN312SC103FBB AAC-CRN312SC103FBB Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN312SC103FBM AAC-CRN312SC103FBM Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN312SC103FCB AAC-CRN312SC103FCB Datasheet
1Mb / 5P
   Resistor Arrays & Networks
More results

Similar Description - CRN312SL102FBM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com