Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP40336 Datasheet(PDF) 2 Page - CUI INC

Part # CP40336
Description  PELTIER MODU LE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP40336 Datasheet(HTML) 2 Page - CUI INC

  CP40336 Datasheet HTML 1Page - CUI INC CP40336 Datasheet HTML 2Page - CUI INC CP40336 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
a division of CUI INC
date
page
08/2009
2 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.v-infinity.com
PART NUMBER:
DESCRIPTION: PELTIER MODULE
CP40336
PERFORMANCE (Th=27°C)
PERFORMANCE (Th=50°C)
70
60
50
40
30
20
10
0
Δ
T=Th−Tc(℃)
0
0
10.0
20.0
30.0
8.0
16.0
3.9 A
3.12 A
2.34 A
1.56 A
0.78 A
3.9 A
3.12 A
2.34 A
1.56 A
0.78 A
70
60
50
40
30
20
10
0
Δ
T=Th−Tc(℃)
0
0
10.0
20.0
30.0
8.0
16.0
3.9 A
3.12 A
2.34 A
1.56 A
0.78 A
3.9 A
3.12 A
2.34 A
1.56 A
0.78 A


Similar Part No. - CP40336

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP40336 CUI-CP40336 Datasheet
775Kb / 11P
   PELTIER MODULE
CP40336 CUI-CP40336 Datasheet
796Kb / 11P
   PELTIER MODULE
CP40336 CUI-CP40336 Datasheet
1Mb / 15P
   PELTIER MODULE
11/17/2020
More results

Similar Description - CP40336

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP60440 CUI-CP60440 Datasheet
142Kb / 3P
   PELTIER MODU LE
CP85138 CUI-CP85138 Datasheet
144Kb / 3P
   PELTIER MODU LE
CP30138 CUI-CP30138 Datasheet
143Kb / 3P
   PELTIER MODU LE
CP40136 CUI-CP40136 Datasheet
145Kb / 3P
   PELTIER MODU LE
CP30238 CUI-CP30238 Datasheet
144Kb / 3P
   PELTIER MODU LE
CP60333 CUI-CP60333 Datasheet
142Kb / 3P
   PELTIER MODU LE
CP60340 CUI-CP60340 Datasheet
140Kb / 3P
   PELTIER MODU LE
CP40236 CUI-CP40236 Datasheet
144Kb / 3P
   PELTIER MODU LE
CP60133 CUI-CP60133 Datasheet
142Kb / 3P
   PELTIER MODU LE
CP85438 CUI-CP85438 Datasheet
143Kb / 3P
   PELTIER MODU LE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com