Electronic Components Datasheet Search |
|
C14N16P-D1A Datasheet(PDF) 1 Page - CUI INC |
|
C14N16P-D1A Datasheet(HTML) 1 Page - CUI INC |
1 / 5 page rev. page date DESCRIPTION: panel mount optical encoder 1 of 5 09/2009 20050 SW 112th Ave. Tualatin, Oregon 97062 phone phone 503.612.2300 fax fax 503.612.2383 PART NUMBER: C14 ELECTRICAL SPECIFICATIONS supply voltage 5 V dc ±5% supply current 20 mA max. (open collector) output code 2-bit Quadature, Channel A leads Channel B by 90° with clockwise rotation power consumption 100 mW angle of throw 22.5° for code change and 16 detent positions 11.25° for code change and 32 detent positions MECHANICAL SPECIFICATIONS operational torque without detent 0.2 N·cm (20.4 gf·cm max.) 16 position w/detent 0.4 ±0.2 N·cm (40.8 ±20.4 gf·cm) 32 position w/detent 0.4 ±0.2 N·cm (40.8 ±20.4 gf·cm) mounting torque 100 N·cm (10.2 kgf·cm) shaft strength radial 10 N (1.02 kgf) thrust 15 N (1.53 kgf) rotational life 1,000,000 cycles weight (approx) 11 g PUSH SWITCH SPECIFICATIONS rated voltage 12 V dc, 50 mA contact resistance 200 m Ω max. insulation resistance 100 m Ω min. voltage proof 250 V ac for 1 minute operating force 4.5 ± 1 N (459 ±102 g·f) travel 0.5 ±0.3 mm bounce 10 msec. life 1,000,000 ENVIRONMENTAL SPECIFICATIONS operating temp. range 0° to +60° C storage temp. range -20 ~ 80°C vibration frequency range: 10 ~ 55 Hz, peak to peak amplitude: 1.5 mm shock 50 G for 11 ms, half sine wave cold proof -20°C for 96 hours heat proof 80°C for 96 hours change to temp. -10 ~ 70°C for 30 minutes each humidity 90 ~ 95% for 96 hours at 40°C |
Similar Part No. - C14N16P-D1A |
|
Similar Description - C14N16P-D1A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |